công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1146 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1146
Giải thích chi tiết về linh kiện  16-Bit Analog-to-Digital Converters for Temperature Sensors
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS1146 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS1146 Datasheet HTML 1Page - Texas Instruments ADS1146 Datasheet HTML 2Page - Texas Instruments ADS1146 Datasheet HTML 3Page - Texas Instruments ADS1146 Datasheet HTML 4Page - Texas Instruments ADS1146 Datasheet HTML 5Page - Texas Instruments ADS1146 Datasheet HTML 6Page - Texas Instruments ADS1146 Datasheet HTML 7Page - Texas Instruments ADS1146 Datasheet HTML 8Page - Texas Instruments ADS1146 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
ADS1146
ADS1147
ADS1148
www.ti.com
SBAS453C – JULY 2009 – REVISED APRIL 2010
ELECTRICAL CHARACTERISTICS (continued)
Minimum/maximum specifications apply from –40°C to +105°C. Typical specifications are at +25°C. All
specifications at AVDD = +5V, DVDD = +3.3V, AVSS = DGND = 0V, VREF = +2.048V, and oscillator frequency =
4.096MHz, unless otherwise noted.
ADS1146, ADS1147, ADS1148
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SOURCES (IDACS)
50, 100, 250,
Output current
500, 750, 1000,
mA
1500
Voltage compliance
All currents
AVDD – 0.7
V
Initial error
All currents, each IDAC
–6
±1.0
6
% of FS
Initial mismatch
All currents, between IDACs
±0.03
% of FS
Temperature drift
Each IDAC
200
ppm/°C
Temperature drift matching
Between IDACs
10
ppm/°C
SYSTEM MONITORS
Voltage
TA = +25°C
118
mV
Temperature
sensor reading
Drift
405
mV/°C
GENERAL-PURPOSE INPUT/OUTPUT (GPIO)
VIH
0.7AVDD
AVDD
V
VIL
AVSS
0.3AVDD
V
Logic levels
VOH
IOH = 1mA
0.8AVDD
V
VOL
IOL = 1mA
AVSS
0.2 AVDD
V
DIGITAL INPUT/OUTPUT (other than GPIO)
VIH
0.7DVDD
DVDD
V
VIL
DGND
0.3DVDD
V
Logic levels
VOH
IOH = 1mA
0.8DVDD
V
VOL
IOL = 1mA
DGND
0.2 DVDD
V
Input leakage
DGND < VDIGITAL IN < DVDD
±10
mA
Frequency
1
4.5
MHz
Clock input
(CLK)
Duty cycle
25
75
%
Internal oscillator frequency
3.89
4.096
4.3
MHz
POWER SUPPLY
DVDD
2.7
5.25
V
AVSS
–2.5
0
V
AVDD
AVSS + 2.7
AVSS + 5.25
V
Normal mode, DVDD = 5V,
230
mA
data rate = 20SPS, internal oscillator
DVDD current
Normal mode, DVDD = 3.3V,
210
mA
data rate = 20SPS, internal oscillator
Sleep mode
0.2
µA
Converting, AVDD = 5V,
225
µA
data rate = 20SPS, external reference
Converting, AVDD = 3.3V,
212
µA
data rate = 20SPS, external reference
AVDD current
Sleep mode
0.1
µA
Additional current with internal reference
180
mA
enabled
AVDD = DVDD = 5V, data rate = 20SPS,
2.3
mW
external reference, internal oscillator
Power dissipation
AVDD = DVDD = 3.3V, data rate = 20SPS,
1.4
mW
external reference, internal oscillator
TEMPERATURE RANGE
Specified
–40
+105
°C
Operating
–40
+125
°C
Storage
–60
+150
°C
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS1146 ADS1147 ADS1148


Số phần tương tự - ADS1146

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1146 TI1-ADS1146 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1146 TI1-ADS1146 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146EVM TI1-ADS1146EVM Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ADS1146EVM-PDK TI1-ADS1146EVM-PDK Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
More results

Mô tả tương tự - ADS1146

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1146 TI1-ADS1146_12 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_14 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_10 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_10 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_13 Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI1-ADS1246_14 Datasheet
1Mb / 71P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248EVM-PDK TI1-ADS1248EVM-PDK Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246 Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com