công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LS21BB-2HR bảng dữ liệu(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

tên linh kiện LS21BB-2HR
Giải thích chi tiết về linh kiện  Illuminated Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Trang chủ  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS21BB-2HR bảng dữ liệu(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS21BB-2HR Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. LS21BB-2HR Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
98
● ● ● ● ● ● ● ● ● ●
照光式
LS20 シリーズ 
Illuminated Type
LS20 Series
1. 従来のSMD(表面実装デバイス)タイ
プのスイッチとLEDを1つのケース
内にパッケージした画期的な超小型
照光式スイッチです。
2. 2色発光タイプと単色発光タイプが
あり、色も自由に組み合わせできます
(ご希望によっては、照光なしのタイ
プも納入可能です。)
3. マウント時間、並びに部品点数の削除
ができ、大幅なコストダウンが期待で
きます。
1. The superb surface-mountable
illuminated switch integrated with an
LED or two LEDs into super-miniature
package.
2. One-color or two-colors type is
available. The color of illumination
can be a combination of four:red,
orange, yellow and green. Non-
illuminated type is also available upon
request.
3. The mounting space can be greatly
reduced, while allowing higher
density mounting. In addition, the
number of parts and time for
mounting onto the substrate are also
reduced,resulting in lower production
costs.
●製品コード/Product code
LS2 0 AA - 2 R/PG T
〈シリーズ/Series
タイプNo./Type No.
0:非照光タイプ
0:Non-illuminated type
1:単色発光タイプ(※1)
1:One-color lighting type(※1)
2:2色発光タイプ(※2)
2:Two-colors lighting type(※2)
形状記号/Shape symbol
記号
プランジャー形状
カバー形状
Symbol
Plunger profile
Cover profile
AA
A
A
BB
B
B
操作荷重/Operating force
1:1.18N(120gf)
2:1.76N(180gf)
3:2.35N(240gf)
発光色(左側/右側)/Lighting color(left side/right side)
標準輝度 R:赤 D:橙 Y:黄 G:緑 FG:新緑 PG:純緑
Standard brightness R:Red D:Orange Y:Yellow G:Green
 FG:Fresh green PG:Pure green
高輝度 SD:橙
Super brightness SD:orange
超高輝度 UR:赤
Ultra brightness UR:Red
超高輝度 HR:赤
High brightness HR:Red
包装形態/Packing mode
無記入:バルク包装
Non-coded:Bulk packing
T:テーピング(基本納入形態)
T:Taping (standard mode)
●外形寸法図/Outline drawing
(※1) 単色発光タイプはLEDが左側に実装されます。(図参照のこと)
(※1) In the case of one-color lighting type LED is mounted on the left side as per sketch.
(※2) 2色発光タイプのLEDの組み合わせは左側に長波長のLED、右側に短波長のLEDとなります。
(※2) In the case of two-colors lighting type LED of longer wave length is mounted on the left side and
LED of shorter wave length on the right side.
2.8
1.0
φ4.2
φ3.8
7.0
5.0
0.6
1.251.25
1.1
左側発光中心
右側発光中心
Light emitting center
of left side
Light emitting center
of right side
※UR,HRは極性が逆です。
※Polarity is reversed
 on the UR and HR.
右側/Right side
左側/Left side
+
単位/Unit : mm
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
LS22AAタイプ/LS22AA type
※1の図/sketch for ※1
リフローはんだ用
For reflow soldering
1.0
1.0
1.0 2.0
0.6 0.5
0.95 0.95
1.0
2.0 2.0
LED部以外はLS21AA、LS20AAに共通。
Same as for LS21AA and LS20AA except for LED portion.
※鉛フリー用リフロー温度プロファイルには対応しておりません。
The reflow temperature profile for lead-free is not
supported.
■ 特徴/ Features
7.6(L)×7.0(W)×2.8(H)mm
回路図
Circuit diagram


Số phần tương tự - LS21BB-2HR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RFE international
LS2101M2G220300 RFE-LS2101M2G220300 Datasheet
190Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS LS2 Series: Snap-In, Fail Safe, 85C
logo
SAMYANG ELECTRONICS CO....
LS215 SAMYANG-LS215 Datasheet
931Kb / 2P
   SCHOTTKY BARRIE R RECTIFIER
More results

Mô tả tương tự - LS21BB-2HR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CITIZEN ELECTRONICS CO....
LS40 CITIZEN-LS40 Datasheet
475Kb / 2P
   Illuminated Type
LS9 CITIZEN-LS9 Datasheet
474Kb / 2P
   Illuminated Type
LS45 CITIZEN-LS45 Datasheet
477Kb / 2P
   Illuminated Type
LS6 CITIZEN-LS6 Datasheet
490Kb / 1P
   Illuminated Type
logo
Copal Electronics
DP4 COPAL-DP4 Datasheet
438Kb / 2P
   Non-Illuminated Type
logo
CITIZEN ELECTRONICS CO....
LS10 CITIZEN-LS10 Datasheet
221Kb / 2P
   Non-illuminated/Horizontal Type
LS12 CITIZEN-LS12 Datasheet
188Kb / 2P
   Non-illuminated/Horizontal Type
LS18 CITIZEN-LS18 Datasheet
189Kb / 2P
   Non-illuminated/Vertical Type
LS7 CITIZEN-LS7 Datasheet
381Kb / 1P
   Non-illuminated/Vertical Type
LS10 CITIZEN-LS10_1 Datasheet
476Kb / 2P
   Non-illuminated/Horizontal Type
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com