công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74HCT423PW bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện 74HCT423PW
Giải thích chi tiết về linh kiện  Dual retriggerable monostable multivibrator with reset
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT423PW bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  74HCT423PW Datasheet HTML 1Page - NXP Semiconductors 74HCT423PW Datasheet HTML 2Page - NXP Semiconductors 74HCT423PW Datasheet HTML 3Page - NXP Semiconductors 74HCT423PW Datasheet HTML 4Page - NXP Semiconductors 74HCT423PW Datasheet HTML 5Page - NXP Semiconductors 74HCT423PW Datasheet HTML 6Page - NXP Semiconductors 74HCT423PW Datasheet HTML 7Page - NXP Semiconductors 74HCT423PW Datasheet HTML 8Page - NXP Semiconductors 74HCT423PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
74HC_HCT423_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 24 July 2008
5 of 23
NXP Semiconductors
74HC423; 74HCT423
Dual retriggerable monostable multivibrator with reset
6.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
↑ = LOW-to-HIGH transition;
↓ = HIGH-to-LOW transition;
= one HIGH level output pulse;
= one LOW level output pulse.
[2]
If the monostable multivibrator was triggered before this condition was established, the pulse will continue as programmed.
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For DIP16 packages: above 70
°C the value of P
tot derates linearly at 12 mW/K.
[3]
For SO16 packages: above 70
°C the value of P
tot derates linearly at 8 mW/K;
For SSOP16 and TSSOP16 packages: above 60
°C the value of P
tot derates linearly at 5.5 mW/K;
For DHVQFN16 packages: above 60
°C the value of P
tot derates linearly at 4.5 mW/K.
Table 3.
Function table[1]
Input
Output
nRD
nA
nB
nQ
nQ
L
XXL
H
XH
XL[2]
H[2]
XXL
L[2]
H[2]
HL
H
H
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
[1] -
±20
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
−0.5 V < V
O < VCC + 0.5 V
-
±25
mA
ICC
supply current
-
50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
DIP16 package
[2] -
750
mW
SO16, SSOP16, TSSOP16 and
DHVQFN16 packages
[3] -
500
mW


Số phần tương tự - 74HCT423PW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74HCT423PW PHILIPS-74HCT423PW Datasheet
103Kb / 14P
   Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HCT423PW NXP-74HCT423PW Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results

Mô tả tương tự - 74HCT423PW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com