công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74HC11 bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện 74HC11
Giải thích chi tiết về linh kiện  Triple 3-input AND gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC11 bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button 74HC11 Datasheet HTML 2Page - NXP Semiconductors 74HC11 Datasheet HTML 3Page - NXP Semiconductors 74HC11 Datasheet HTML 4Page - NXP Semiconductors 74HC11 Datasheet HTML 5Page - NXP Semiconductors 74HC11 Datasheet HTML 6Page - NXP Semiconductors 74HC11 Datasheet HTML 7Page - NXP Semiconductors 74HC11 Datasheet HTML 8Page - NXP Semiconductors 74HC11 Datasheet HTML 9Page - NXP Semiconductors 74HC11 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74HC_HCT11_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 25 March 2010
6 of 15
NXP Semiconductors
74HC11; 74HCT11
Triple 3-input AND gate
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in μW):
PD = CPD × VCC2 × fi × N + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑ (C
L × VCC
2
× f
o) = sum of outputs.
11. Waveforms
74HCT11
tpd
propagation delay
nA, nB to nY; see Figure 6
[1]
VCC = 4.5 V
-
16
24
30
36
ns
VCC = 5.0 V; CL = 15 pF
-
11
-
-
-
ns
tt
transition time
VCC = 4.5 V; see Figure 6
[2]
-
7
15
19
22
ns
CPD
power dissipation
capacitance
per package;
VI = GND to VCC − 1.5 V
[3]
-
20
-
-
-
pF
Table 7.
Dynamic characteristics
GND = 0 V; CL = 50 pF; for load circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C Unit
Min
Typ
Max
Max
(85
°C)
Max
(125
°C)
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Input to output propagation delays
001aal409
VI
VOH
tPHL
tTHL
tTLH
tPLH
VOL
GND
nA, nB, nC input
nY output
VM
VM
VY
VX
Table 8.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC11
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT11
1.3 V
1.3 V
0.1VCC
0.9VCC


Số phần tương tự - 74HC11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74HC11 PHILIPS-74HC11 Datasheet
33Kb / 5P
   Triple 3-input AND gate
December 1990
logo
Nexperia B.V. All right...
74HC11 NEXPERIA-74HC11 Datasheet
229Kb / 11P
   Triple 3-input AND gate
Rev. 8 - 11 August 2021
74HC11-Q100 NEXPERIA-74HC11-Q100 Datasheet
693Kb / 13P
   Triple 3-input AND gate
74HC11-Q100 NEXPERIA-74HC11-Q100 Datasheet
228Kb / 11P
   Triple 3-input AND gate
Rev. 4 - 11 August 2021
logo
NXP Semiconductors
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
More results

Mô tả tương tự - 74HC11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
   Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
   Triple 3-input AND Gate
logo
Motorola, Inc
SN54LS15 MOTOROLA-SN54LS15 Datasheet
123Kb / 4P
   TRIPLE 3-INPUT AND GATE
logo
NXP Semiconductors
74ALS11A PHILIPS-74ALS11A Datasheet
77Kb / 7P
   Triple 3-Input AND gate
1991 Feb 08
logo
STMicroelectronics
M74HC11 STMICROELECTRONICS-M74HC11 Datasheet
177Kb / 8P
   TRIPLE 3-INPUT AND GATE
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F_07 Datasheet
210Kb / 8P
   Triple 3-Input AND Gate
TC74VHC11F TOSHIBA-TC74VHC11F_12 Datasheet
193Kb / 7P
   Triple 3-Input AND Gate
logo
Texas Instruments
54F11 TI1-54F11 Datasheet
347Kb / 10P
[Old version datasheet]   Triple 3-Input AND Gate
logo
Nexperia B.V. All right...
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
   Triple 3-input AND gate
Rev. 4 - 11 August 2021
logo
National Semiconductor ...
54F11DM NSC-54F11DM Datasheet
96Kb / 8P
   Triple 3-Input AND Gate
logo
NXP Semiconductors
74HC11 PHILIPS-74HC11 Datasheet
33Kb / 5P
   Triple 3-input AND gate
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com