công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16374 bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện 74ALVCH16374
Giải thích chi tiết về linh kiện  2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVCH16374 bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVCH16374 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16374 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16374 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16374 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16374 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16374 Datasheet HTML 12Page - NXP Semiconductors 74ALVCH16374 Datasheet HTML 13Page - NXP Semiconductors 74ALVCH16374 Datasheet HTML 14Page - NXP Semiconductors 74ALVCH16374 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
74ALVCH16374_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 27 April 2010
11 of 17
NXP Semiconductors
74ALVCH16374
2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
12. Test information
Table 8.
Measurement points
Supply voltage
Input
Output
VCC
VI
VM
VM
VX
VY
2.3 V to 2.7 V and
< 2.3 V
VCC
0.5
0.5
VOL + 0.15 V
VOH − 0.15 V
2.7 V
2.7 V
2.7 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
3.0 V to 3.6 V
2.7 V
2.7 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
Test data is given in Table 9.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 9.
Load circuit for measuring switching times
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 9.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
tPLZ, tPZL
tPHZ, tPZH
2.3 V to 2.7 V and
< 2.3 V
VCC
≤ 2.0 ns
30 pF
500
Ω
open
2
× V
CC
GND
2.7 V
2.7 V
2.5 ns
50 pF
500
Ω
open
2
× V
CC
GND
3.0 V to 3.6 V
2.7 V
2.5 ns
50 pF
500
Ω
open
2
× V
CC
GND


Số phần tương tự - 74ALVCH16374

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVCH16374 PHILIPS-74ALVCH16374 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
logo
Fairchild Semiconductor
74ALVCH16374 FAIRCHILD-74ALVCH16374 Datasheet
97Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
STMicroelectronics
74ALVCH16374 STMICROELECTRONICS-74ALVCH16374 Datasheet
281Kb / 11P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
logo
Nexperia B.V. All right...
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
More results

Mô tả tương tự - 74ALVCH16374

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74LVT16374A NXP-74LVT16374A Datasheet
187Kb / 19P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 07-22 March 2010
logo
Nexperia B.V. All right...
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
logo
Texas Instruments
SN54ALVTH16374 TI-SN54ALVTH16374 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALVTH16374 TI-SN54ALVTH16374_08 Datasheet
550Kb / 21P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LVTH16374-EP TI1-SN74LVTH16374-EP Datasheet
301Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74AVC16374 PHILIPS-74AVC16374 Datasheet
84Kb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74AVC16374 NEXPERIA-74AVC16374 Datasheet
1Mb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
Rev. 3 - 16 August 2013
74AVC16374-Q100 NEXPERIA-74AVC16374-Q100 Datasheet
772Kb / 16P
   16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com