công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT823D bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện 74ABT823D
Giải thích chi tiết về linh kiện  9-bit D-type flip-flop with reset and enable; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT823D bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button 74ABT823D Datasheet HTML 4Page - NXP Semiconductors 74ABT823D Datasheet HTML 5Page - NXP Semiconductors 74ABT823D Datasheet HTML 6Page - NXP Semiconductors 74ABT823D Datasheet HTML 7Page - NXP Semiconductors 74ABT823D Datasheet HTML 8Page - NXP Semiconductors 74ABT823D Datasheet HTML 9Page - NXP Semiconductors 74ABT823D Datasheet HTML 10Page - NXP Semiconductors 74ABT823D Datasheet HTML 11Page - NXP Semiconductors 74ABT823D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74ABT823_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 23 March 2010
8 of 17
NXP Semiconductors
74ABT823
9-bit D-type flip-flop with reset and enable; 3-state
11. Waveforms
tWL
pulse width LOW
CP; see Figure 5
3.8
2.8
-
3.8
-
ns
MR; see Figure 6
5.5
4.0
-
5.5
-
ns
trec
recovery time
MR to CP; see Figure 6
2.5
0.6
-
2.5
-
ns
Table 7.
Dynamic characteristics …continued
GND = 0 V; for test circuit, see Figure 9.
Symbol Parameter
Conditions
25
°C; V
CC = 5.0 V
−40 °C to +85 °C;
VCC = 5.0 V ± 0.5 V
Unit
Min
Typ
Max
Min
Max
VM = 1.5 V
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 5.
Propagation delay clock input (CP) to output (Qn), clock pulse (CP) width and maximum clock (CP)
frequency
001aac445
CP input
Qn output
tPHL
tPLH
tWH
tWL
1 / fmax
VM
VOH
VI
GND
VOL
VM
VM = 1.5 V
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Master reset (MR) pulse width, propagation delay master reset (MR) to output (Qn) and recovery time
master reset (MR) to clock (CP)
001aac446
MR input
CP input
Qn output
tPHL
tWL
trec
VM
VI
GND
VI
VOH
VOL
GND
VM
VM


Số phần tương tự - 74ABT823D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT823D PHILIPS-74ABT823D Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
74ABT823DB PHILIPS-74ABT823DB Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
More results

Mô tả tương tự - 74ABT823D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT823 PHILIPS-74ABT823 Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
   Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
logo
Nexperia B.V. All right...
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
logo
NXP Semiconductors
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
74ALVCH16823 PHILIPS-74ALVCH16823 Datasheet
103Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
logo
NXP Semiconductors
74ABT16823A PHILIPS-74ABT16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
   18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com