công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1N4006 bảng dữ liệu(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
|
1N4006 bảng dữ liệu(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
1 / 2 page 1N4001 THRU 1N4007 GENERAL PURPOSE SILICON RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere Case: JEDEC DO-41 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.012 ounce, 0.33 grams The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Construction utilizes void-free molded plastic technique Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds,0.375”(9.5mm) lead length, 5 lbs. (2.3kg) tension FEATURES MECHANICAL DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Dimensions in inches and (millimeters) 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 1N 4001 VOLTS VOLTS VOLTS SYMBOLS UNITS Amp Amps Volts VRRM VRMS VDC I(AV) IFSM VF 1.0 30.0 1.1 Operating junction and storage temperature range Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375 ”(9.5mm) lead length at TA=75 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 1.0A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C Typical junction capacitance (NOTE 1) Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2.Thermal resistance from junction to ambient at 0.375 ” (9.5mm)lead length,P.C.B. mounted IR 5.0 50.0 RqJA CJ TJ,TSTG 50.0 15.0 -65 to +175 pF C A u Typical thermal resistance (NOTE 2) C/W 1N 4002 1N 4004 1N 4003 1N 4005 1N 4007 1N 4006 DO-41 0.107 (2.7) 0.080 (2.0) DIA. 0.034 (0.86) 0.028 (0.71) DIA. 1.0 (25.4) MIN. 0.205 (5.2) 0.160(4.1) 1.0 (25.4) MIN. Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%. www.shunyegroup.com |
Số phần tương tự - 1N4006 |
|
Mô tả tương tự - 1N4006 |