công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X1227S8 bảng dữ liệu(PDF) 5 Page - Xicor Inc. |
|
X1227S8 bảng dữ liệu(HTML) 5 Page - Xicor Inc. |
5 / 28 page X1227 REV 1.1.20 1/13/03 Characteristics subject to change without notice. 5 of 28 www.xicor.com When there is a match, an alarm flag is set. The occur- rence of an alarm can be determined by polling the AL0 and AL1 bits or by enabling the IRQ output, using it as hardware flag. The alarm enable bits are located in the MSB of the particular register. When all enable bits are set to ‘0’, there are no alarms. – The user can set the X1227 to alarm every Wednes- day at 8:00 AM by setting the EDWn*, the EHRn* and EMNn* enable bits to ‘1’ and setting the DWAn*, HRAn* and MNAn* Alarm registers to 8:00 AM Wednesday. – A daily alarm for 9:30PM results when the EHRn* and EMNn* enable bits are set to ‘1’ and the HRAn* and MNAn* registers are set to 9:30 PM. *n = 0 for Alarm 0: N = 1 for Alarm 1 REAL TIME CLOCK REGISTERS Clock/Calendar Registers (SC, MN, HR, DT, MO, YR) These registers depict BCD representations of the time. As such, SC (Seconds) and MN (Minutes) range from 00 to 59, HR (Hour) is 1 to 12 with an AM or PM indicator (H21 bit) or 0 to 23 (with MIL=1), DT (Date) is 1 to 31, MO (Month) is 1 to 12, YR (Year) is 0 to 99. Date of the Week Register (DW) This register provides a Day of the Week status and uses three bits DY2 to DY0 to represent the seven days of the week. The counter advances in the cycle 0-1-2-3-4-5-6-0-1-2-… The assignment of a numerical value to a specific day of the week is arbitrary and may be decided by the system software designer. The default value is defined as ‘0’. 24 Hour Time If the MIL bit of the HR register is 1, the RTC uses a 24-hour format. If the MIL bit is 0, the RTC uses a 12- hour format and H21 bit functions as an AM/PM indi- cator with a ‘1’ representing PM. The clock defaults to standard time with H21=0. Leap Years Leap years add the day February 29 and are defined as those years that are divisible by 4. Years divisible by 100 are not leap years, unless they are also divisible by 400. This means that the year 2000 is a leap year, the year 2100 is not. The X1227 does not correct for the leap year in the year 2100. STATUS REGISTER (SR) The Status Register is located in the CCR Memory Map at address 003Fh. This is a volatile register only and is used to control the WEL and RWEL write enable latches, read two power status and two alarm bits. This register is separate from both the array and the Clock/Control Registers (CCR). Table 2. Status Register (SR) BAT: Battery Supply—Volatile This bit set to “1” indicates that the device is operating from VBACK, not VCC. It is a read-only bit and is set/ reset by hardware (X1227 internally). Once the device begins operating from VCC, the device sets this bit to “0”. AL1, AL0: Alarm bits—Volatile These bits announce if either alarm 0 or alarm 1 match the real time clock. If there is a match, the respective bit is set to ‘1’. The falling edge of the last data bit in a SR Read operation resets the flags. Note: Only the AL bits that are set when an SR read starts will be reset. An alarm bit that is set by an alarm occurring during an SR read operation will remain set after the read opera- tion is complete. RWEL: Register Write Enable Latch—Volatile This bit is a volatile latch that powers up in the LOW (disabled) state. The RWEL bit must be set to “1” prior to any writes to the Clock/Control Registers. Writes to RWEL bit do not cause a nonvolatile write cycle, so the device is ready for the next operation immediately after the stop condition. A write to the CCR requires both the RWEL and WEL bits to be set in a specific sequence. WEL: Write Enable Latch—Volatile The WEL bit controls the access to the CCR and memory array during a write operation. This bit is a volatile latch that powers up in the LOW (disabled) state. While the WEL bit is LOW, writes to the CCR or any array address will be ignored (no acknowledge will be issued after the Data Byte). The WEL bit is set by writing a “1” to the WEL bit and zeroes to the other bits of the Status Register. Once set, WEL remains set until either reset to 0 (by writing a “0” to the WEL bit and zeroes to the other bits of the Status Register) or Addr 7 6 5 4 3 2 1 0 003Fh BAT AL1 AL0 0 0 RWEL WEL RTCF Default 0 0 0 0 0 0 0 1 |
Số phần tương tự - X1227S8 |
|
Mô tả tương tự - X1227S8 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |