công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS12-T1 bảng dữ liệu(PDF) 3 Page - Won-Top Electronics |
|
SS12-T1 bảng dữ liệu(HTML) 3 Page - Won-Top Electronics |
3 / 3 page SS12 – S100 3 of 3 © 2002 Won-Top Electronics ORDERING INFORMATION Product No.! ! ! ! Package Type Shipping Quantity SS12-T1 SMA 1800/Tape & Reel SS12-T3 SMA 7500/Tape & Reel SS13-T1 SMA 1800/Tape & Reel SS13-T3 SMA 7500/Tape & Reel SS14-T1 SMA 1800/Tape & Reel SS14-T3 SMA 7500/Tape & Reel SS15-T1 SMA 1800/Tape & Reel SS15-T3 SMA 7500/Tape & Reel SS16-T1 SMA 1800/Tape & Reel SS16-T3 SMA 7500/Tape & Reel SS18-T1 SMA 1800/Tape & Reel SS18-T3 SMA 7500/Tape & Reel SS19-T1 SMA 1800/Tape & Reel SS19-T3 SMA 7500/Tape & Reel S100-T1 SMA 1800/Tape & Reel S100-T3 SMA 7500/Tape & Reel Products listed in bold are WTE Preferred devices. !T1 suffix refers to a 7” reel. T3 suffix refers to a 13” reel. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. RECOMMENDED FOOTPRINT 0.050 MIN (1.27 MIN) inches(mm) Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval. Wepoweryoureveryday. Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com 0.058 MIN (1.47 MIN) 0.083 MAX (2.11 MAX) |
Số phần tương tự - SS12-T1 |
|
Mô tả tương tự - SS12-T1 |