công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS03Q bảng dữ liệu(PDF) 1 Page - Suntan Capacitors

tên linh kiện TS03Q
Giải thích chi tiết về linh kiện  POLYESTER FILM CAPACITOR - EPOXY DIP COATED - NON-INDUCTIVE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUNTAN [Suntan Capacitors]
Trang chủ  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS03Q bảng dữ liệu(HTML) 1 Page - Suntan Capacitors

  TS03Q Datasheet HTML 1Page - Suntan Capacitors TS03Q Datasheet HTML 2Page - Suntan Capacitors TS03Q Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POLYESTER FILM CAPACITOR – EPOXY DIP COATED - NON-INDUCTIVE
Suntan®
DESIGNED FOR HIGH DENSITY INSERTION APPLICATIONS
TS03Q
F E A T U R E S
Small size
Excellent electric characteristics in non-inductive construction
RoHS directive compliant
APPLICATIONS
General purpose
Straight lead
Formed lead
S
P
E
C
I
F
I
C
A
T
I
O
N
S
Capacitance Range
0.001µF to 0.033µF
Operating temp. Range
-45℃ to +85℃ (105℃MAX)
for which the capacitor can be operated continuously at rated
voltage.
Rated Voltage
100V DC
Cap. Tolerance
±5(J)
Insulation Resistance (I.R.)
20000 MΩ Min (C≦0.1 uF)
10000 MΩ µF/C Min (C>0.1 uF)
Capacitance Change Rate
(△C/C)
Within +/- 5% of the value before test
Dissipation Factor (DF)
0.01 (1.0%) at 1 KHz.
Damp Heat
Test temperature:+40 +/- 2℃
Test humidity : 90% to 95% R.H.
Test voltage :140% of rated voltage.
Test duration: 500 +24/-0 hrs.
After test, allow it stay alone for 2.0+/- 0.5 hrs
at standard temperature and humidity before making measurements.
After the test ,apply 150% of rated voltage for 60 sec., or 175% of
rated voltage for 1~5 sec. at +20 +/- 5℃. The charging current
must be ≤ 1 Amp.
Capacitance (CAP)
Within the tolerance specified. (at +20 +/- 5℃ )
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Số phần tương tự - TS03Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Suntan Capacitors
TS03Q SUNTAN-TS03Q_17 Datasheet
335Kb / 1P
   SUBMINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
More results

Mô tả tương tự - TS03Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
jb Capacitors Company
JFE JBCAPACITORS-JFE Datasheet
239Kb / 2P
   Miniature size, non-inductive, epoxy dip coated
JFF JBCAPACITORS-JFF Datasheet
221Kb / 2P
   Miniature size, non-inductive, epoxy dip coated
JFA JBCAPACITORS-JFA Datasheet
267Kb / 1P
   Inductive welded construction epoxy dip coated
logo
Surge Components
SRM SURGE-SRM Datasheet
20Kb / 1P
   EPOXY COATED, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, RADIAL LEAD
logo
List of Unclassifed Man...
MDD ETC2-MDD Datasheet
185Kb / 10P
   Resin Coated Metalized Polyester Film Capacitor
logo
Surge Components
SEM SURGE-SEM Datasheet
136Kb / 1P
   EPOXY COATED, INDUCTIVE, FILM CAPACITORS, RADIAL LEADS
SRMA SURGE-SRMA Datasheet
267Kb / 1P
   EPOXY COATED, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, RADIAL LEAD, REDUCED SIZES
logo
Illinois Capacitor, Inc...
102FFR100K ILLINOISCAPACITOR-102FFR100K Datasheet
882Kb / 3P
   125째 Non-inductive Polyester Film/Foil Epoxy Dipped Radial Lead Capacitors
logo
jb Capacitors Company
JFC JBCAPACITORS-JFC Datasheet
251Kb / 1P
   Non-inductive, coated with epoxy resin or flame retardant epoxy power
logo
Suntan Capacitors
TS02A SUNTAN-TS02A_17 Datasheet
256Kb / 1P
   NON-INDUCTIVE, COATED WITH EPOXY RESIN OR FLAME RETARDANT EPOXY POWER
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com