công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES1E-T3 bảng dữ liệu(PDF) 3 Page - Won-Top Electronics

tên linh kiện ES1E-T3
Giải thích chi tiết về linh kiện  1.0A SURFACE MOUNT SUPER FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WTE [Won-Top Electronics]
Trang chủ  http://www.wontop.com
Logo WTE - Won-Top Electronics

ES1E-T3 bảng dữ liệu(HTML) 3 Page - Won-Top Electronics

  ES1E-T3 Datasheet HTML 1Page - Won-Top Electronics ES1E-T3 Datasheet HTML 2Page - Won-Top Electronics ES1E-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ES1A – ES1J
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
ES1A-T1
SMA
1800/Tape & Reel
ES1A-T3
SMA
7500/Tape & Reel
ES1B-T1
SMA
1800/Tape & Reel
ES1B-T3
SMA
7500/Tape & Reel
ES1C-T1
SMA
1800/Tape & Reel
ES1C-T3
SMA
7500/Tape & Reel
ES1D-T1
SMA
1800/Tape & Reel
ES1D-T3
SMA
7500/Tape & Reel
ES1E-T1
SMA
1800/Tape & Reel
ES1E-T3
SMA
7500/Tape & Reel
ES1G-T1
SMA
1800/Tape & Reel
ES1G-T3
SMA
7500/Tape & Reel
ES1J-T1
SMA
1800/Tape & Reel
ES1J-T3
SMA
7500/Tape & Reel
Products listed in bold are WTE Preferred devices.
!T1 suffix refers to a 7” reel. T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.050 MIN
(1.27 MIN)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com
0.058 MIN
(1.47 MIN)
0.083 MAX
(2.11 MAX)


Số phần tương tự - ES1E-T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Won-Top Electronics
ES1E-T3 WTE-ES1E-T3 Datasheet
54Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results

Mô tả tương tự - ES1E-T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
MURS120 DIODES-MURS120 Datasheet
59Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30179 Rev. 3 - 2
logo
TAITRON Components Inco...
ES1A TAITRON-ES1A Datasheet
240Kb / 4P
   1.0A Surface Mount Super Fast Rectifier
logo
SUNMATE electronic Co.,...
MURA115 SUNMATE-MURA115 Datasheet
162Kb / 3P
   1.0A Surface Mount Super Fast Rectifier
logo
Diodes Incorporated
ES1D-13-F DIODES-ES1D-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DFLU1200 DIODES-DFLU1200 Datasheet
112Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30601 Rev. 2 - 2
ES1B-13-F DIODES-ES1B-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
SF1DDF DIODES-SF1DDF Datasheet
483Kb / 5P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
November 2018 Rev. 2 - 2
ES1A DIODES-ES1A_10 Datasheet
121Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14001 Rev. 15 - 2
logo
Won-Top Electronics
ER1A WTE-ER1A Datasheet
51Kb / 3P
   1.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS140 DIODES-MURS140_10 Datasheet
131Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 10 - 2 September 2010
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com