công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCPL2730M bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện HCPL2730M
Giải thích chi tiết về linh kiện  Low Input Current High Gain Split Darlington Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2730M bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  HCPL2730M Datasheet HTML 1Page - Fairchild Semiconductor HCPL2730M Datasheet HTML 2Page - Fairchild Semiconductor HCPL2730M Datasheet HTML 3Page - Fairchild Semiconductor HCPL2730M Datasheet HTML 4Page - Fairchild Semiconductor HCPL2730M Datasheet HTML 5Page - Fairchild Semiconductor HCPL2730M Datasheet HTML 6Page - Fairchild Semiconductor HCPL2730M Datasheet HTML 7Page - Fairchild Semiconductor HCPL2730M Datasheet HTML 8Page - Fairchild Semiconductor HCPL2730M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138M, 6N139M, HCPL2730M, HCPL2731M Rev. 1.0.2
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Note:
1. No derating required for devices operated within the TOPR specification (6N138 and 6N139 only). HCPL2730 and
HCPL2731 derating TBD.
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +100
°C
TSOL
Lead Solder Temperature (Wave solder only. See recommended
reflow profile graph on page 13 for SMD mounting)
260 for 10 sec
°C
EMITTER
IF (avg)
DC/Average Forward Input Current
Each Channel
20
mA
IF (pk)
Peak Forward Input Current
(50% duty cycle, 1 ms P.W.)
Each Channel
40
mA
IF (trans) Peak Transient Input Current – (≤1µs P.W., 300 pps)
1.0
A
VR
Reverse Input Voltage
Each Channel
5
V
PD
Input Power Dissipation(1)
Each Channel
35
mW
DETECTOR
IO (avg)
Average Output Current
Each Channel
60
mA
VER
Emitter-Base Reverse Voltage
6N138M and 6N139M
0.5
V
VCC, VO
Supply Voltage, Output Voltage
6N138M and HCPL2730M
-0.5 to 7
V
6N139M and HCPL2731M
-0.5 to 18
PO
Output Power Dissipation(1)
Each Channel
100
mW


Số phần tương tự - HCPL2730M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HCPL2730M FAIRCHILD-HCPL2730M Datasheet
442Kb / 14P
   Low current ??0.5mA
More results

Mô tả tương tự - HCPL2730M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com