công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCPL2611M bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor |
|
HCPL2611M bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor |
4 / 13 page ©2009 Fairchild Semiconductor Corporation www.fairchildsemi.com 6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3 4 Electrical Characteristics (Continued) Transfer Characteristics (TA = -40 to +85°C unless otherwise specified) Isolation Characteristics (TA = -40°C to +85°C unless otherwise specified.) *All Typicals at VCC = 5V, TA = 25°C Notes: 1. The VCC supply to each optoisolator must be bypassed by a 0.1µF capacitor or larger. This can be either a ceramic or solid tantalum capacitor with good high frequency characteristic and should be connected as close as possible to the package VCC and GND pins of each device. 2. Each channel. 3. Enable Input – No pull up resistor required as the device has an internal pull up resistor. 4. tPLH – Propagation delay is measured from the 3.75mA level on the HIGH to LOW transition of the input current pulse to the 1.5 V level on the LOW to HIGH transition of the output voltage pulse. 5. tPHL – Propagation delay is measured from the 3.75mA level on the LOW to HIGH transition of the input current pulse to the 1.5 V level on the HIGH to LOW transition of the output voltage pulse. 6. tr – Rise time is measured from the 90% to the 10% levels on the LOW to HIGH transition of the output pulse. 7. tf – Fall time is measured from the 10% to the 90% levels on the HIGH to LOW transition of the output pulse. 8. tELH – Enable input propagation delay is measured from the 1.5V level on the HIGH to LOW transition of the input voltage pulse to the 1.5V level on the LOW to HIGH transition of the output voltage pulse. 9. tEHL – Enable input propagation delay is measured from the 1.5V level on the LOW to HIGH transition of the input voltage pulse to the 1.5V level on the HIGH to LOW transition of the output voltage pulse. 10. CMH – The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the HIGH state (i.e., VOUT > 2.0V). Measured in volts per microsecond (V/µs). 11. CML – The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the LOW output state (i.e., VOUT < 0.8V). Measured in volts per microsecond (V/µs). 12. Device considered a two-terminal device: Pins 1, 2, 3 and 4 shorted together, and Pins 5, 6, 7 and 8 shorted together. Symbol DC Characteristics Test Conditions Min. Typ.* Max. Unit IOH HIGH Level Output Current VCC = 5.5V, VO = 5.5V, IF = 250µA, VE = 2.0V (2) 100 µA VOL LOW Level Output Current VCC = 5.5V, IF = 5mA, VE = 2.0V, ICL = 13mA (2) 0.4 0.6 V IFT Input Threshold Current VCC = 5.5V, VO = 0.6V, VE = 2.0V, IOL = 13mA 3 5 mA Symbol Characteristics Test Conditions Min. Typ.* Max. Unit II-O Input-Output Insulation Leakage Current Relative humidity = 45%, TA = 25°C, t = 5s, VI-O = 3000 VDC (12) 1.0* µA VISO Withstand Insulation Test Voltage RH < 50%, TA = 25°C, II-O ≤ 10µA, t = 1 min. (12) 5000 VRMS RI-O Resistance (Input to Output) VI-O = 500V (12) 1011 Ω CI-O Capacitance (Input to Output) f = 1MHz(12) 1pF |
Số phần tương tự - HCPL2611M |
|
Mô tả tương tự - HCPL2611M |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |