công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU16006KV bảng dữ liệu(PDF) 11 Page - Rohm

tên linh kiện BU16006KV
Giải thích chi tiết về linh kiện  3 for input 1 output switch with Termination sense correspondence
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU16006KV bảng dữ liệu(HTML) 11 Page - Rohm

Back Button BU16006KV Datasheet HTML 7Page - Rohm BU16006KV Datasheet HTML 8Page - Rohm BU16006KV Datasheet HTML 9Page - Rohm BU16006KV Datasheet HTML 10Page - Rohm BU16006KV Datasheet HTML 11Page - Rohm BU16006KV Datasheet HTML 12Page - Rohm BU16006KV Datasheet HTML 13Page - Rohm BU16006KV Datasheet HTML 14Page - Rohm BU16006KV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Technical Note
11/19
BU16018KV
www.rohm.com
2009.05 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN.
TYP.
(1)
MAX.
TMDS DIFFERENTIAL PINS (Y/Z)
tPLH
Propagation delay time
low-high-level
output
See Figure 5-2, AVCC = 3.3V,
RT = 50Ω, PRE=0V
-
480
-
ps
tPHL
Propagation delay time
high-low level
output
-
500
-
ps
tr
Differential output signal rise
time
(20%-80%)
-
160
-
ps
tf
Differential output signal fall
time (20%-80%)
-
160
-
ps
tsk(p)
Pulse skew (|tPHL - tPLH |)
-
20
-
ps
tsk(D)
Intra-pair differential skew, see
Figure 5-3.
-
35
-
ps
tsk(o)
Inter-pair channel-to-channel
output skew
(2)
-
50
-
ps
tsk(pp)
Part to part skew
(3)
-
400
-
ps
tsx
Select to switch output
-
8
-
ns
tdis
Disable time
-
5
-
ns
ten
Enable time
-
7
-
ns
DDC I/O PINS (SCLn, SCL_SINK, SDA,n SDA_SINK)
(n = 1, 2, 3)
tpdLHTR(DDC)
Propagation delay time,
low-to-high-level output
Tx to Rx
RL = 4.7KΩ CL = 100pF
-
650
-
ns
tpdHLTR(DDC)
Propagation delay time,
high-to-low-level output
Tx to Rx
-
200
-
ns
tpdLHRT(DDC)
Propagation delay time,
low-to-high-level output
Rx to Tx
RL = 1.67KΩ CL = 400pF
-
500
-
ns
tpdHLRT(DDC)
Propagation delay time,
high-to-low-level output
Rx to Tx
-
350
-
ns
tr Tx(DDC)
Tx output Rise time
RL = 4.7KΩ CL = 100pF
-
800
-
ns
tf Tx(DDC)
Tx output Fall time
-
150
-
ns
tr Rx(DDC)
Rx output Rise time
RL = 1.67KΩ CL = 400pF
-
950
-
ns
tf Rx(DDC)
Rx output Fall time
-
50
-
ns
tsx(DDC)
Switch time from SCLn to
SCL_SINK
CL=10pF
-
800
-
ns
CIO
Input/output capacitance
VI=0V
15
pF
SYMBOL


Số phần tương tự - BU16006KV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16006KV ROHM-BU16006KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16006KV ROHM-BU16006KV Datasheet
557Kb / 20P
   HDMI Switch ICs
BU16006KV-E2 ROHM-BU16006KV-E2 Datasheet
557Kb / 20P
   HDMI Switch ICs
More results

Mô tả tương tự - BU16006KV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2521 NJRC-NJM2521 Datasheet
127Kb / 3P
   3-INPUT 1-OUTPUT AUDIO SWITCH?
logo
Adels-Contact
979V43T5 ADELS-979V43T5 Datasheet
123Kb / 1P
   Switch Distributor, 1 Input/3 Output Terminals
12/11/2019
979V43T3 ADELS-979V43T3 Datasheet
124Kb / 1P
   Switch Distributor, 1 Input/3 Output Terminals
12/11/2019
979V43T2 ADELS-979V43T2 Datasheet
123Kb / 1P
   Switch Distributor, 1 Input/3 Output Terminals
12/11/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com