công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU16018KV bảng dữ liệu(PDF) 11 Page - Rohm

tên linh kiện BU16018KV
Giải thích chi tiết về linh kiện  2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU16018KV bảng dữ liệu(HTML) 11 Page - Rohm

Back Button BU16018KV Datasheet HTML 7Page - Rohm BU16018KV Datasheet HTML 8Page - Rohm BU16018KV Datasheet HTML 9Page - Rohm BU16018KV Datasheet HTML 10Page - Rohm BU16018KV Datasheet HTML 11Page - Rohm BU16018KV Datasheet HTML 12Page - Rohm BU16018KV Datasheet HTML 13Page - Rohm BU16018KV Datasheet HTML 14Page - Rohm BU16018KV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Technical Note
11/18
BU16006KV
www.rohm.com
2009.05 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN.
TYP.
(1)
MAX.
TMDS DIFFERENTIAL PINS (Y/Z)
tPLH
Propagation delay time
low-high-level output
See Figure 5-2, AVCC = 3.3V,
RT = 50Ω
-
480
-
ps
tPHL
Propagation delay time
low-high-level output
-
500
-
ps
tr
Differential output signal rise
time (20%-80%)
-
150
-
ps
tf
Differential output signal fall
time (20%-80%)
-
150
-
ps
tsk(p)
Pulse skew (|tPHL - tPLH |)
-
20
-
ps
tsk(D)
Intra-pair differential skew, see
Figure 5-3.
-
50
-
ps
tsk(o)
Inter-pair channel-to-channel
output skew
(2)
-
50
-
ps
tsk(pp)
Part to part skew
(3)
-
400
-
ps
DDC I/O PINS (SCL, SCL_SINK, SDA, SDA_SINK)
tpdLHTR(DDC)
Propagation delay time,
low-to-high-level output
Tx to Rx
RL = 4.7KΩ,CL = 100pF
-
650
-
ns
tpdHLTR(DDC)
Propagation delay time,
high-to-low-level output
Tx to Rx
-
200
-
ns
tpdLHRT(DDC)
Propagation delay time,
low-to-high-level output
Rx to Tx
RL = 1.67KΩ,CL = 400pF
-
500
-
ns
tpdHLRT(DDC)
Propagation delay time,
high-to-low-level output
Rx to Tx
-
350
-
ns
tr Tx(DDC)
Tx output Rise time
RL = 4.7KΩ,CL = 100pF
-
800
-
ns
tf Tx(DDC)
Tx output Fall time
-
150
-
ns
tr Rx(DDC)
Rx output Rise time
RL = 1.67KΩ,CL = 400pF
-
950
-
ns
tf Rx(DDC)
Rx output Fall time
-
50
-
ns
tsx
Select to switch output
-
8
-
ns
tdis
Disable time
-
5
-
ns
ten
Enable time
-
7
-
ns
tsx(DDC)
Switch time from SCLn to
SCL_SINK
CL=10pF
-
800
-
ns
CIO
Input/output capacitance
VI=0V
15
pF
STATUS PINS(HPD1,HPD2,HPD3)
tpdLH(HPD)
Propagation delay time,
low-to-high-level output from
HPD_SINK to HPDn(n=1,2)
CL=10pF
-
5
-
ns
tpdHL(HPD)
Propagation delay time,
high-to-low-level output
from
HPD_SINK to HPDn(n=1,2)
CL=10pF
-
5
-
ns
tsx(HPD)
Switch time from port select to
the latest valid status of HPD
CL=10pF
-
8
-
ns
Note:
1.
All typical values are at 25℃ and with a 3.3V supply.
2.
tsk(o) is the magnitude of the difference in propagation delay times between any specified terminals of channel of a
devices when inputs are tied together.
3.
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of channel of two
devices, or between channel 1 of two devices, when both devices operate with the same source, the same supply voltages,
at the same temperature, and have identical packages and test circuits.
SYMBOL


Số phần tương tự - BU16018KV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU16018KV ROHM-BU16018KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16018KV ROHM-BU16018KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16018KV ROHM-BU16018KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16018KV ROHM-BU16018KV Datasheet
557Kb / 20P
   HDMI Switch ICs
BU16018KV-E2 ROHM-BU16018KV-E2 Datasheet
557Kb / 20P
   HDMI Switch ICs
More results

Mô tả tương tự - BU16018KV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU16018KV ROHM-BU16018KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16025MUV ROHM-BU16025MUV_11 Datasheet
427Kb / 17P
   1 for input 1 output buffer (Sync with OE)
logo
New Japan Radio
NJM2524 NJRC-NJM2524 Datasheet
131Kb / 4P
   2 INPUT 1 OUTPUT 3ch VIDEO SWITCH with ISOLATION AMP
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
logo
New Japan Radio
NJM2520 NJRC-NJM2520 Datasheet
124Kb / 3P
   2-INPUT 1-OUTPUT AUDIO SWITCH
logo
Integrated Circuit Syst...
ICS854057 ICST-ICS854057 Datasheet
256Kb / 13P
   4:1 OR 2:1 LVDS CLOCK MULTIPLEXER WITH INTERNAL INPUT TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com