công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU1572GUW bảng dữ liệu(PDF) 5 Page - Rohm

tên linh kiện BU1572GUW
Giải thích chi tiết về linh kiện  Real Time Video Processor ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU1572GUW bảng dữ liệu(HTML) 5 Page - Rohm

  BU1572GUW Datasheet HTML 1Page - Rohm BU1572GUW Datasheet HTML 2Page - Rohm BU1572GUW Datasheet HTML 3Page - Rohm BU1572GUW Datasheet HTML 4Page - Rohm BU1572GUW Datasheet HTML 5Page - Rohm BU1572GUW Datasheet HTML 6Page - Rohm BU1572GUW Datasheet HTML 7Page - Rohm BU1572GUW Datasheet HTML 8Page - Rohm BU1572GUW Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BU1572GUW, BU1573KV, BU1574KU
Technical Note
5/12
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Terminal functions (BU1574KU)
PIN
No.
PIN
Name
In/
Out
Active
Level
Init
Descriptions
In/Output
type
1
CAMVSI
In
*
-
Vertical timing input
C *1
2
N.C. *2
-
*
-
-
-
3
CAMHSI
In
*
-
Horizontal timing input
C *1
4
SDA
In/Out
DATA
In
In/Output serial data
G
5
SDC
In
CLK
-
In/Output serial clock
D *1
6
I2CDEV0
In
*
-
I2C device address setting
D *1
7
CAMDI0
In
DATA
-
Data input: bit 0
H *1
8
CAMDI1
In
DATA
-
Data input: bit 1
H *1
9
CAMDI2
In
DATA
-
Data input: bit 2
H *1
10
CAMDI3
In
DATA
-
Data input: bit 3
H *1
11
CAMDI4
In
DATA
-
Data input: bit 4
H *1
12
CAMDI5
In
DATA
-
Data input: bit 5
H *1
13
CAMDI6
In
DATA
-
Data input: bit 6
H *1
14
CAMDI7
In
DATA
-
Data input: bit 7
H *1
15
RESERVEI0 *3
In
*
-
RESERVE
C *1
16
RESERVEI1 *3
In
*
-
RESERVE
C *1
17
RESERVEI2 *3
In
*
-
RESERVE
C *1
18
RESERVEI3 *3
In
*
-
RESERVE
C *1
19
RESERVEI4 *3
In
*
-
RESERVE
C *1
20
RESERVEI5 *3
In
*
-
RESERVE
C *1
21
RESERVEI6 *3
In
*
-
RESERVE
C *1
22
RESERVEI7 *3
In
*
-
RESERVE
C *1
23
RESERVEI8 *3
In
*
-
RESERVE
C *1
24
RESERVEI9 *3
In
*
-
RESERVE
C *1
25
RESERVEI10 *3
In
*
-
RESERVE
C *1
26
RESERVEI11 *3
In
*
-
RESERVE
C *1
27
VDDIO
-
PWR
-
DIGITAL IO power source
-
28
CAMCKI
In
CLK
-
Clock input
D *1
29
GND
-
GND
-
Common GROUND
-
30
VDD
-
PWR
-
CORE power source
-
31
MSEL0 *3
In
*
-
Mode select 0
A
32
MSEL1 *3
In
*
-
Mode select 1
A
※Change by setup by the register is possible for the "*" display in the column of an Active level. Moreover, Init is a pin state under
reset.
*1 : It suspends during reset (initial state)
*2 : Please connect with GND
*3 : Please connect with GND.


Số phần tương tự - BU1572GUW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU1570KN ROHM-BU1570KN Datasheet
383Kb / 6P
   Camera Image Adaptive Enhancer IC for security devices
BU1570KN ROHM-BU1570KN Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
BU1570KN-E2 ROHM-BU1570KN-E2 Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
BU1570KN ROHM-BU1570KN_09 Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
BU1571KN ROHM-BU1571KN Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
More results

Mô tả tương tự - BU1572GUW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU1574GUW ROHM-BU1574GUW Datasheet
334Kb / 13P
   Real Time Video Processor IC
logo
National Semiconductor ...
LM9704 NSC-LM9704 Datasheet
74Kb / 4P
   Real Time Digital Image Processor
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
logo
National Semiconductor ...
LM9702 NSC-LM9702 Datasheet
74Kb / 4P
   LM9702 Real Time Digital Image Processor
logo
RICOH electronics devic...
RS5C316A RICOH-RS5C316A Datasheet
288Kb / 38P
   ULTRA-COMPACT SERIAL ALARM REAL-TIME CLOCK ICs
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
logo
Panasonic Semiconductor
AN2145NFHP PANASONIC-AN2145NFHP Datasheet
108Kb / 6P
   CCD Video Camera Signal Processor ICs
logo
RICOH electronics devic...
RS5C321A RICOH-RS5C321A Datasheet
252Kb / 33P
   ULTRA-COMPACT SERIAL REAL-TIME CLOCK ICs WITH 32.768kHz
RS5C317A RICOH-RS5C317A Datasheet
309Kb / 40P
   ULTRA-COMPACT HIGH PERFORMANCE SERIAL REAL-TIME CLOCK ICs?
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com