công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU1521GVW bảng dữ liệu(PDF) 7 Page - Rohm

tên linh kiện BU1521GVW
Giải thích chi tiết về linh kiện  For portable image equipment Upscaler IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU1521GVW bảng dữ liệu(HTML) 7 Page - Rohm

Back Button BU1521GVW Datasheet HTML 3Page - Rohm BU1521GVW Datasheet HTML 4Page - Rohm BU1521GVW Datasheet HTML 5Page - Rohm BU1521GVW Datasheet HTML 6Page - Rohm BU1521GVW Datasheet HTML 7Page - Rohm BU1521GVW Datasheet HTML 8Page - Rohm BU1521GVW Datasheet HTML 9Page - Rohm BU1521GVW Datasheet HTML 10Page - Rohm BU1521GVW Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
BU1521GVW
Technical Note
7/15
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Table. 8 BU1521GVW terminal function(2)
PIN No. Ball No. PIN Name In/Out
Init
Function Description
I/O Type
I/O System
42
D7
DO8
Out
PD
8th bit of HD output pin
C
VDDIO3
43
D6
VDD
--
--
Core power supply (1.2 V)
--
--
44
C8
DO9
Out
PD
9th bit of HD output pin
C
VDDIO3
45
C7
DO10
Out
PD
10th bit of HD output pin
C
VDDIO3
46
B8
DO11
Out
PD
11th bit of HD output pin
C
VDDIO3
47
C6
GND
--
--
GND
--
--
48
A8
GND
--
--
GND
--
--
49
B7
DO12
Out
PD
12th bit of HD output pin
C
VDDIO3
50
D5
GND
--
--
GND
--
--
51
A7
DO13
Out
PD
13th bit of HD output pin
C
VDDIO3
52
B6
DO14
Out
PD
14th bit of HD output pin
C
VDDIO3
53
A6
DO15
Out
PD
15th bit of HD output pin
C
VDDIO3
54
C5
VDDIO3
--
--
Data output IO voltage (Typical 1.8 V)
--
--
55
B5
TEST0
In
--
Test pin 0 (Connect to GND)
A
VDDIO3
56
A5
TEST1
In
--
Test pin 1 (Connect to GND)
A
VDDIO3
57
A4
TEST2
In
--
Test pin 2 (Connect to GND)
A
VDDIO3
58
B4
GND
--
--
GND
--
--
59
C4
AVSS
--
--
GND for PLL
--
--
60
A3
CLKIN
In
--
SD clock input (27 MHz)
B
VDDIO1
61
B3
DI8
In
--
8th bit of SD input data
B
VDDIO1
62
A2
DI4
In
--
4th bit of SD input data
B
VDDIO1
63
C3
GND
--
--
GND
--
--
64
A1
GND
--
--
GND
--
--
Init column indicates pin status when released from reset. Low: Loutput
PD: Pull-down
*1: No balls
*2: Input suspend function is fixed toOFF by an internal signal
*3: No pull-down function
Block Diagram
Fig. 5 BU1521GVW Block diagram
CLKIN
(27MHz)
PLL
STBY
RESETB
Register Array
Output
controller
Line memory
Memory CTL
Line memory
SPI I/F
SCLK,SCSB,SDIN,SDOUT
DIN[15:0]
Interpolator
Upscaler
DOUT[15:0]
CLKOUT
Filter(5x5)


Số phần tương tự - BU1521GVW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU1523KV ROHM-BU1523KV Datasheet
406Kb / 23P
   Image Correction IC for Panel
BU1523KV-E2 ROHM-BU1523KV-E2 Datasheet
406Kb / 23P
   Image Correction IC for Panel
More results

Mô tả tương tự - BU1521GVW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Panasonic Semiconductor
AN7535NSA PANASONIC-AN7535NSA Datasheet
80Kb / 9P
   Headphone amplifier IC for portable equipment
AN7531SA PANASONIC-AN7531SA Datasheet
178Kb / 10P
   Headphone amplifier IC for portable equipment
logo
Sanyo Semicon Device
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
LV24100LP SANYO-LV24100LP Datasheet
199Kb / 18P
   Bi-CMOS IC FM and AM Tuner IC for Small Portable Equipment
logo
Active-Semi, Inc
ACT8740 ACTIVE-SEMI-ACT8740 Datasheet
111Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8712 ACTIVE-SEMI-ACT8712 Datasheet
111Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8780 ACTIVE-SEMI-ACT8780 Datasheet
107Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8740 ACTIVE-SEMI-ACT8740_08 Datasheet
716Kb / 40P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev PrB, 25-Feb-08
ACT8706 ACTIVE-SEMI-ACT8706 Datasheet
92Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com