công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU1511KV2 bảng dữ liệu(PDF) 2 Page - Rohm

tên linh kiện BU1511KV2
Giải thích chi tiết về linh kiện  Silicon monolithic integrated circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU1511KV2 bảng dữ liệu(HTML) 2 Page - Rohm

  BU1511KV2 Datasheet HTML 1Page - Rohm BU1511KV2 Datasheet HTML 2Page - Rohm BU1511KV2 Datasheet HTML 3Page - Rohm BU1511KV2 Datasheet HTML 4Page - Rohm BU1511KV2 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. C
○ Recommended operating conditions
Parameter
Symbol
Min
Typ
Max
Unit
Parameter
Symbol
Min
Typ
Max
Unit
Power supply voltage 1
(DAC)
DAVDD
3.00
3.30
3.60
V
Input voltage range
(ADC)
VIN1
-0.3
-
ADVDD
+0.3
V
Power supply voltage 2
(ADC)
ADVDD
3.00
3.30
3.60
V
Input voltage range
(I2C-1)
VIN2
-0.3
-
I1VDD
+0.3
V
Power supply voltage 3
(I2C-1)
I1VDD
2.40
3.30
3.60
V
Input voltage range
(I2C-2)
VIN3
-0.3
-
I2VDD
+0.3
V
Power supply voltage 4
(I2C-2)
I2VDD
2.40
3.30
3.60
V
Input voltage range
(SD-CARD)
VIN4
-0.3
-
SDI1
VDD+0.3
V
Power supply voltage 5
(SD-CARD)
SDVDD
2.70
3.30
3.60
V
Input voltage range
(CAMERA)
VIN5
-0.3
-
CAVDD
+0.3
V
Power supply voltage 6
(CAMERA)
CAVDD
2.30
2.85
3.30
V
Input voltage range
(Other IO)
VIN6
-0.3
-
IOVDD
+0.3
V
Power supply voltage 7
(Other IO)
IOVDD
1.70
3.30
3.60
V
Output "H" Current
*1
IOH
-13
-
-
mA
Power supply voltage 8
(Digital CORE)
DVDD
1.45
1.50
1.55
V
Output "L Current
*1
IOL
-
-
13
mA
Operating temperature
range
Topr
-40
-
85
ºC
*1 Sum of absolute current of IOs in IOVDD system must be less than 100mA, and every sum of absolute current of IOs in CAVDD,
SDVDD, I1VDD and I2VDD system must be less than 26mA.
* Please supply power source in order of CORE(DVDD) → IO(IOVDD,CAVDD,SDVDD,I1VDD,I2VDD,ADVDD,DAVDD)
* Please keep RESETB terminal is LOW, until power supply is stable.
○ Electric characteristics
(
Unless otherwise specified, DVDD=1.50V, DAVDD=ADVDD=I1VDD=I2VDD=SDVDD=IOVDD=3.30V, CAVDD=2.85V,
DAVSS=ADVSS=DVSS=0.0V, Ta=25ºC, fXIN=13.5MHz, fAXIN=16.384MHz, fSYS=41.0MHz(Internal Clock with PLL)
IOPWR is a generic name of I1VDD,I2VDD,SDVDD,CAVDD,IOVDD.)
Parameter
Symbol
Specification
Unit
Conditions
Min
Max
Common
Input frequency 1
fXIN
5.0
30.0
MHz
XIN (Duty 50±10%), When PLL is ON.
Input frequency 2
fAXIN
8.284
32.768
MHz
AXIN(Duty 50±10%)
Internal clock frequency 1
fSYS
-
41.0
MHz
When PLL is ON, Except I2S Audio Block
Internal clock frequency 2
fAUD
-
32.768
MHz
I2S Audio Block
Static consumption current
IDDST
-
200
μA
When all clock stop
Logic Block
Input "H" Leakcurrent
IIHL
-10
10
μAVIH=IOPWR
Input "L" Leak current
IIHL
-10
10
μAVIL=0V
Input Pull down "H" current 1
IIHPD1
25
100
μA
Pull down pin, VIH=IOVDD
Input Pull down "H" current 2
IIHPD2
25
100
μA
Pull down pin, VIH=CAVDD
Input Pull down "L" current
IILPD
-10
10
μA
Pull down pin, VIL=0V
Input ”H” voltage 1
VIH1
IOPWR×0.8
IOPWR+0.3
V
Normal Input
Input ”L” voltage 1
VIL1
-0.3
IOPWR×0.2
V
Normal Input
Input ”H” voltage 2
VIH2
IOPWR×0.85
IOPWR+0.3
V
Hysteresis input pin
(TIM_TRIG,NTRST,RESETB,BIT_SEL,TCM_SEL,AUTO_READ)
Input ”L” voltage 12
VIL2
-0.3
IOPWR×0.15
V
Output ”H” voltage 1
VOH1
IOPWR-0.4
IOPWR
V
IOH=-2.0mA(DC), Output except SD_CLK, When CAVDD=3.3V
Output ”L” voltage 1
VOL1
0.0
0.4
V
IOL=2.0mA(DC), Output except SD_CLK, When CAVDD=3.3V.
Output ”H” voltage 2
VOH2
IOPWR-0.4
IOPWR
V
IOH=-4.0mA(DC)、SD_CLK
Output ”L” voltage 2
VOL2
0.0
0.4
V
IOL=4.0mA(DC)、SD_CLK
DACBlock
DAC Bit Width
RES_DA
-
10
bits
DAC Operating current
IDDDA
32
42
mA
RL=37.5Ω、RIREF=2.4kΩ、DAVDD Pin current
DAC Static consumption current
IDDSTDA
-
5
uA
RL=37.5Ω、RIREF=2.4kΩ、DAVDD Pin current
Integral Non-linearity
INL_DA
-8.0
+8.0
LSB
RL=37.5Ω、RIREF=2.4kΩ
Differential Non-linearity
DNL_DA
-2.0
+2.0
LSB
RL=37.5Ω、RIREF=2.4kΩ
Full scale voltage
VFS_DA
1.1
1.4
V
RL=37.5Ω、RIREF=2.4kΩ
ADCBlock
ADC Bit Width
RES_AD
-
8
bits
Input voltage range(Upper Limit)
VIN_AD_T
ADVDD×0.85
ADVDD×0.95
V
Input voltage range(Lower Limit)
VIN_AD_B
ADVDD×0.05
ADVDD×0.15
V
Integral Non-linearity
INL_AD
-2.0
+2.0
LSB
Differential Non-linearity
DNL_AD
-2.0
+2.0
LSB
Change Standard clock cycle
fADC
4.0
16.0
MHz
Change cycle
fsps
30.8K
123K
sps
Sample per second
Need 130*ADC_CLK for conversion by sweeping


Số phần tương tự - BU1511KV2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
BU1510 VISHAY-BU1510 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1510 VISHAY-BU1510 Datasheet
153Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
BU1510-E3 VISHAY-BU1510-E3 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
BU1510-E3/45 VISHAY-BU1510-E3/45 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
BU1510-E3/51 VISHAY-BU1510-E3/51 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
More results

Mô tả tương tự - BU1511KV2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com