công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5V7855SWFR bảng dữ liệu(PDF) 7 Page - Integrated Device Technology

tên linh kiện 5V7855SWFR
Giải thích chi tiết về linh kiện  EEPROM Programmable PLL Die for LVCMOS Crystal Oscillator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V7855SWFR bảng dữ liệu(HTML) 7 Page - Integrated Device Technology

Back Button 5V7855SWFR Datasheet HTML 3Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 4Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 5Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 6Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 7Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 8Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 9Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 10Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IDT5V7855-DPK REVISION A MARCH 11, 2010
7
©2010 Integrated Device Technology, Inc.
IDT5V7855 Data Sheet
EEPROM PROGRAMMABLE PLL DIE FOR LVCMOS CRYSTAL OSCILLATOR
The procedure to program the registers and control bits without writing to the EEPROM is as follows:
1.
Set CONT and OUT to 0.0 volts with no power applied.
2.
Apply power, wait for 1ms.
3.
Apply four clock pulses on OUT to enter serial programming mode (see timing diagram below).
4.
Enter serial data (bit order as described above) via the CONT pin, with a positive pulse on OUT pin for each data bit.
NOTE: CONT must only change while OUT is LOW to write the data properly.
5.
To activate the registers and exit serial programming mode, while OUT is held LOW, set CONT HIGH.
After 1µs with CONT still HIGH, set OUT HIGH. After 1µs with OUT still HIGH, set CONT LOW.
6.
Remove the programming voltage from OUT pin.
7.
Enable the output by setting CONT HIGH.
Figure 2. Timing Diagram
3F. Timing/Voltage Requirements Table
Symbol
Parameter
Minimum
Maximum
Units
ts
Enter Serial Data Mode
1
ms
td
Data & Clock Timing
1
µs
VDD
Supply Voltage
2.2
3.6
V


Mô tả tương tự - 5V7855SWFR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cypress Semiconductor
CY2037 CYPRESS-CY2037_08 Datasheet
264Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037 Datasheet
86Kb / 7P
   High Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_09 Datasheet
276Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_07 Datasheet
284Kb / 10P
   High - Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2048WAF CYPRESS-CY2048WAF Datasheet
79Kb / 7P
   Flash Programmable Capacitor Tuning Array Die for Crystal Oscillator(XO)
logo
Epson Company
SG-8003CE-SCM EPSON-SG-8003CE-SCM Datasheet
535Kb / 2P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
AP3S ABRACON-AP3S Datasheet
3Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
logo
EPCOS
SG-8002CA-PCM EPCOS-SG-8002CA-PCM Datasheet
516Kb / 5P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Renesas Technology Corp
IDT5T9890 RENESAS-IDT5T9890 Datasheet
496Kb / 38P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL CLOCK DRIVER
March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com