công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4146IRGZ25 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện ADS4146IRGZ25
Giải thích chi tiết về linh kiện  14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS4146IRGZ25 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS4146IRGZ25 Datasheet HTML 1Page - Texas Instruments ADS4146IRGZ25 Datasheet HTML 2Page - Texas Instruments ADS4146IRGZ25 Datasheet HTML 3Page - Texas Instruments ADS4146IRGZ25 Datasheet HTML 4Page - Texas Instruments ADS4146IRGZ25 Datasheet HTML 5Page - Texas Instruments ADS4146IRGZ25 Datasheet HTML 6Page - Texas Instruments ADS4146IRGZ25 Datasheet HTML 7Page - Texas Instruments ADS4146IRGZ25 Datasheet HTML 8Page - Texas Instruments ADS4146IRGZ25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
ADS4126, ADS4129
ADS4146, ADS4149
www.ti.com
SBAS483C – NOVEMBER 2009 – REVISED MARCH 2010
14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
Check for Samples: ADS4126, ADS4129, ADS4146, ADS4149
1
FEATURES
DC Offset Correction
23
Maximum Sample Rate: 250MSPS
Supports Low Input Clock Amplitude Down To
200mVPP
Ultralow Power with 1.8V Single Supply:
Package: QFN-48 (7mm × 7mm)
200mW Total Power at 160MSPS
265mW Total Power at 250MSPS
DESCRIPTION
High Dynamic Performance:
The
ADS414x/2x
are
a
family
of
14-bit/12-bit
SNR: 70.6dBFS at 170MHz
analog-to-digital converters (ADCs) with sampling
SFDR: 84dBc at 170MHz
rates up to 250MSPS. These devices use innovative
design
techniques
to
achieve
high
dynamic
Dynamic Power Scaling with Sample Rate
performance, while consuming extremely low power
Output Interface
at 1.8V supply. The devices are well-suited for
Double Data Rate (DDR) LVDS with
multi-carrier,
wide
bandwidth
communications
Programmable Swing and Strength
applications.
Standard Swing: 350mV
The ADS414x/2x have fine gain options that can be
Low Swing: 200mV
used
to
improve
SFDR
performance
at
lower
full-scale input ranges, especially at high input
Default Strength: 100
Ω Termination
frequencies. They include a dc offset correction loop
2x Strength: 50
Ω Termination
that can be used to cancel the ADC offset. At lower
1.8V Parallel CMOS Interface Also
sampling rates, the ADC automatically operates at
Supported
scaled down power with no loss in performance.
Programmable Gain up to 6dB for SNR/SFDR
The ADS414x/2x are available in a compact QFN-48
Trade-Off
pacakge
and
are
specified
over
the
industrial
temperature range (–40°C to +85°C).
ADS412x/ADS414x Family Comparison
WITH ANALOG INPUT BUFFERS
FAMILY
250MSPS
160MSPS
250MSPS
200MSPS
ADS414x
ADS4149
ADS4146
ADS41B49
14-Bit Family
ADS412x
ADS4129
ADS4126
ADS41B29
12-Bit Family
11-Bit
ADS58B18
9-Bit
ADS58B19
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2009–2010, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS4146IRGZ25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4146IRGZ25 TI-ADS4146IRGZ25 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4146IRGZ25 TI-ADS4146IRGZ25 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4146IRGZ25 TI1-ADS4146IRGZ25 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results

Mô tả tương tự - ADS4146IRGZ25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com