công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4146IRGZ25 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện ADS4146IRGZ25
Giải thích chi tiết về linh kiện  14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS4146IRGZ25 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS4146IRGZ25 Datasheet HTML 3Page - Texas Instruments ADS4146IRGZ25 Datasheet HTML 4Page - Texas Instruments ADS4146IRGZ25 Datasheet HTML 5Page - Texas Instruments ADS4146IRGZ25 Datasheet HTML 6Page - Texas Instruments ADS4146IRGZ25 Datasheet HTML 7Page - Texas Instruments ADS4146IRGZ25 Datasheet HTML 8Page - Texas Instruments ADS4146IRGZ25 Datasheet HTML 9Page - Texas Instruments ADS4146IRGZ25 Datasheet HTML 10Page - Texas Instruments ADS4146IRGZ25 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
ADS4126, ADS4129
ADS4146, ADS4149
www.ti.com
SBAS483C – NOVEMBER 2009 – REVISED MARCH 2010
ELECTRICAL CHARACTERISTICS: ADS4146/ADS4149
Typical values are at +25°C, AVDD = 1.8V, DRVDD = 1.8V, 50% clock duty cycle, –1dBFS differential analog input, 1dB gain,
and DDR LVDS interface, unless otherwise noted. Minimum and maximum values are across the full temperature range:
TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V, and DRVDD = 1.8V. Note that after reset, the device is in 0dB gain mode.
ADS4146 (160MSPS)(1)
ADS4149 (250MSPS)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Resolution
14
14
Bits
fIN = 10MHz
72.2
71.9
dBFS
fIN = 70MHz
72
71.4
dBFS
SNR (signal-to-noise ratio), LVDS
fIN = 100MHz
71.5
71.4
dBFS
fIN = 170MHz
70.5
67.5
70.6
dBFS
fIN = 300MHz
69
69
dBFS
fIN = 10MHz
72
71.6
dBFS
fIN = 70MHz
71.8
71
dBFS
SINAD (signal-to-noise and distortion ratio),
fIN = 100MHz
71.4
70.9
dBFS
LVDS
fIN = 170MHz
70.4
66
69.4
dBFS
fIN = 300MHz
68.2
67.4
dBFS
fIN = 10MHz
88
87
dBc
fIN = 70MHz
87
82
dBc
Spurious-free dynamic range
SFDR
fIN = 100MHz
86
81
dBc
fIN = 170MHz
82
72
84
dBc
fIN = 300MHz
77
75
dBc
fIN = 10MHz
86.5
85
dBc
fIN = 70MHz
85
80
dBc
Total harmonic distortion
THD
fIN = 100MHz
84
79
dBc
fIN = 170MHz
81
71
80.5
dBc
fIN = 300MHz
74.5
71.5
dBc
fIN = 10MHz
91
89
dBc
fIN = 70MHz
90
85
dBc
Second-harmonic distortion
HD2
fIN = 100MHz
88
84
dBc
fIN = 170MHz
88
72
84
dBc
fIN = 300MHz
79
75
dBc
fIN = 10MHz
88
87
dBc
fIN = 70MHz
87
82
dBc
Third-harmonic distortion
HD3
fIN = 100MHz
86
81
dBc
fIN = 170MHz
82
72
82
dBc
fIN = 300MHz
77
75
dBc
fIN = 10MHz
91
90
dBc
fIN = 70MHz
90
88
dBc
Worst spur
fIN = 100MHz
90
90
dBc
(other than second and third harmonics)
fIN = 170MHz
90
77
88
dBc
fIN = 300MHz
88
88
dBc
f1 = 46MHz, f2 = 50MHz,
–88
–88
dBFS
each tone at –7dBFS
Two-tone intermodulation
IMD
distortion
f1 = 185MHz, f2 = 190MHz,
–86
–86
dBFS
each tone at –7dBFS
Recovery to within 1% (of final
Clock
Input overload recovery
value) for 6dB overload with
1
1
cycles
sine-wave input
For 100mVPP signal on AVDD
AC power-supply rejection ratio
PSRR
> 30
> 30
dB
supply, up to 10MHz
Effective number of bits
ENOB
fIN = 170MHz
11.5
11.3
LSBs
Differential nonlinearity
DNL
fIN = 170MHz
±0.5
–0.95
±0.5
LSBs
Integrated nonlinearity
INL
fIN = 170MHz
±2
±2
±5
LSBs
(1)
The ADS4146 is a product preview device.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS4126 ADS4129 ADS4146 ADS4149


Số phần tương tự - ADS4146IRGZ25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4146IRGZ25 TI-ADS4146IRGZ25 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4146IRGZ25 TI-ADS4146IRGZ25 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4146IRGZ25 TI1-ADS4146IRGZ25 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results

Mô tả tương tự - ADS4146IRGZ25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com