công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4149IRGZR bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS4149IRGZR
Giải thích chi tiết về linh kiện  14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS4149IRGZR bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS4149IRGZR Datasheet HTML 7Page - Texas Instruments ADS4149IRGZR Datasheet HTML 8Page - Texas Instruments ADS4149IRGZR Datasheet HTML 9Page - Texas Instruments ADS4149IRGZR Datasheet HTML 10Page - Texas Instruments ADS4149IRGZR Datasheet HTML 11Page - Texas Instruments ADS4149IRGZR Datasheet HTML 12Page - Texas Instruments ADS4149IRGZR Datasheet HTML 13Page - Texas Instruments ADS4149IRGZR Datasheet HTML 14Page - Texas Instruments ADS4149IRGZR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
Dn_Dn+1_P
Dn_Dn+1_M
GND
Logic0
V
ODL
Logic1
V
ODH
V
OCM
ADS4126, ADS4129
ADS4146, ADS4149
www.ti.com
SBAS483C – NOVEMBER 2009 – REVISED MARCH 2010
TIMING CHARACTERISTICS
(1) With external 100
Ω termination.
Figure 3. LVDS Output Voltage Levels
TIMING REQUIREMENTS: LVDS and CMOS Modes
(1)
Typical values are at +25°C, AVDD = 1.8V, DRVDD = 1.8V, sampling frequency = 250 MSPS, sine wave input clock,
CLOAD = 5pF
(2), and R
LOAD = 100Ω
(3), unless otherwise noted. Minimum and maximum values are across the full temperature
range: TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V, and DRVDD = 1.7V to 1.9V.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
tA
Aperture delay
0.6
0.8
1.2
ns
Variation of aperture
Between two devices at the same temperature and
±100
ps
delay
DRVDD supply
tJ
Aperture jitter
100
fS rms
Time to valid data after coming out of STANDBY
5
25
µs
mode
Wakeup time
Time to valid data after coming out of PDN GLOBAL
100
500
µs
mode
Clock
Low-latency mode (default after reset)
10
cycles
Low-latency mode disabled (gain enabled, offset
Clock
ADC latency(4)
16
correction disabled)
cycles
Low-latency mode disabled (gain and offset
Clock
17
correction enabled)
cycles
DDR LVDS MODE(5)(6)
tSU
Data setup time(3)
Data valid(7) to zero-crossing of CLKOUTP
0.75
1.1
ns
Zero-crossing of CLKOUTP to data becoming
tH
Data hold time(3)
0.35
0.60
ns
invalid(7)
Input clock rising edge cross-over to output clock
Clock propagation
tPDI
rising edge cross-over
3
4.2
5.4
ns
delay
1MSPS ≤ sampling frequency ≤ 250MSPS
Between two devices at the same temperature and
Variation of tPDI
±0.6
ns
DRVDD supply
(1)
Timing parameters are ensured by design and characterization but are not production tested.
(2)
CLOAD is the effective external single-ended load capacitance between each output pin and ground.
(3)
RLOAD is the differential load resistance between the LVDS output pair.
(4)
At higher frequencies, tPDI is greater than one clock period and overall latency = ADC latency + 1.
(5)
Measurements are done with a transmission line of 100
Ω characteristic impedance between the device and the load. Setup and hold
time specifications take into account the effect of jitter on the output data and clock.
(6)
The LVDS timings are unchanged for low latency disabled and enabled.
(7)
Data valid refers to a logic high of 1.26V and a logic low of 0.54V.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS4126 ADS4129 ADS4146 ADS4149


Số phần tương tự - ADS4149IRGZR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4149IRGZR TI-ADS4149IRGZR Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4149IRGZR TI-ADS4149IRGZR Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4149IRGZR TI1-ADS4149IRGZR Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results

Mô tả tương tự - ADS4149IRGZR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com