công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4149IRGZR bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS4149IRGZR
Giải thích chi tiết về linh kiện  14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS4149IRGZR bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS4149IRGZR Datasheet HTML 2Page - Texas Instruments ADS4149IRGZR Datasheet HTML 3Page - Texas Instruments ADS4149IRGZR Datasheet HTML 4Page - Texas Instruments ADS4149IRGZR Datasheet HTML 5Page - Texas Instruments ADS4149IRGZR Datasheet HTML 6Page - Texas Instruments ADS4149IRGZR Datasheet HTML 7Page - Texas Instruments ADS4149IRGZR Datasheet HTML 8Page - Texas Instruments ADS4149IRGZR Datasheet HTML 9Page - Texas Instruments ADS4149IRGZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
ADS4126, ADS4129
ADS4146, ADS4149
SBAS483C – NOVEMBER 2009 – REVISED MARCH 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range, unless otherwise noted.
ADS412x, ADS414x
MIN
TYP
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
1.7
1.8
1.9
V
DRVDD
Digital supply voltage
1.7
1.8
1.9
V
ANALOG INPUTS
Differential input voltage range(1)
2
VPP
Input common-mode voltage
VCM ± 0.05
V
Maximum analog input frequency with 2VPP input amplitude
(2)
400
MHz
Maximum analog input frequency with 1VPP input amplitude
(2)
800
MHz
CLOCK INPUT
Input clock sample rate
ADS4129/ADS4149
1
250
MSPS
ADS4126/ADS4146
1
160
MSPS
Input clock amplitude differential (VCLKP – VCLKM)
Sine wave, ac-coupled
0.2
1.5
VPP
LVPECL, ac-coupled
1.6
VPP
LVDS, ac-coupled
0.7
VPP
LVCMOS, single-ended, ac-coupled
1.8
V
Input clock duty cycle
50
%
DIGITAL OUTPUTS
CLOAD
Maximum external load capacitance from each output pin to DRGND
5
pF
Differential load resistance between the LVDS output pairs (LVDS
RLOAD
100
Ω
mode)
TA
Operating free-air temperature
–40
+85
°C
HIGH PERFORMANCE MODES(3)(4)(5)
Set the MODE 1 register bits to get best performance across sample
Mode 1
clock and input signal frequencies.
Register address = 0x03, register data = 0x03
Set the MODE 2 register bit to get best performance at high input
Mode 2
signal frequencies.
Register address = 0x4A, register data = 0x01
(1)
With 0dB gain. See the Fine Gain section in the Application Information for relation between input voltage range and gain.
(2)
See the Theory of Operation section in the Application Information.
(3)
It is recommended to use these modes to get best performance. These modes can be set using the serial interface only.
(4)
See the Serial Interface section for details on register programming.
(5)
Note that these modes cannot be set when the serial interface is not used (when the RESET pin is tied high); see the Device
Configuration section.
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS4126 ADS4129 ADS4146 ADS4149


Số phần tương tự - ADS4149IRGZR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4149IRGZR TI-ADS4149IRGZR Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4149IRGZR TI-ADS4149IRGZR Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4149IRGZR TI1-ADS4149IRGZR Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results

Mô tả tương tự - ADS4149IRGZR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com