công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RS010M1HBK130250 bảng dữ liệu(PDF) 1 Page - RFE international

tên linh kiện RS010M1HBK130250
Giải thích chi tiết về linh kiện  ALUMINUM ELECTROLYTIC CAPACITORS RS/RSG Series: Radial Bi-polar
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFE [RFE international]
Trang chủ  http://www.rfeinc.com
Logo RFE - RFE international

RS010M1HBK130250 bảng dữ liệu(HTML) 1 Page - RFE international

  RS010M1HBK130250 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C1CF06
REV 2001
ALUMINUM ELECTROLYTIC CAPACITORS
RS/RSG Series: Radial Bi-polar
FEATURES
•85°C/105°C, 2000 hours assured.
•Bi-polarized, suitable for horizontal deflection current
correction of TV sets.
•Permissible high ripple current at high frequency.
SPECIFICATIONS
LEAD SPACING AND DIAMETER
PART NUMBER EXAMPLE
RS 010 M 1H BK 130 250
1(010)
2.2(2R2)
3.3(3R3)
4.7(4R7)
6.8(6R8)
8.2(8R2)
10(100)
Case Size
DxL (mm)
13 x 25
16 x 25
16 x 25
16 x 31.5
16 x 31.5
16 x 35.5 16 x 35.5
Ripple Current
85°C
2.96
3.45
3.65
4.54
5.50
6.37
6.80
Ap-p
105°C
2.11
2.46
2.61
3.24
3.94
4.55
5.00
Capacitance (mF)
D
13
16
P
5.0
7.5
d
0.6
0.8
1.5
0.5
Operating
Temperature Range
Rated Voltage
Capacitance Tolerance
Leakage Current
(at 20°C)
Dissipaton Factor (Tan )
Load Life Test
(after application of the
rated voltage at
85°C/105°C, the polarity
inverted every 250 hours.
The above specification shall be satisfied when the capacitors are restored to 20°C after rated voltage
applied for 2000 hrs at 85°C/105°C
Shelf Life Test
The above specification shall be satisfied when the capacitors are restored to 20°C after exposing them
for 500 hrs at 85°C/105°C without voltage applied.
Standards
50V,DC
0.05 (at 120 Hz, 20°C
Item
± 20% (120Hz, 20°C)
I = 002CV ( A after 2 minutes)
Where, C = rated capacitance in
F. V=rated DC working voltage in V.
Satisfies Characteristic W of JIS C 5141
Dissipation Factor
Test Time
Less than 200% of specifiec value
Within specified values
Dissipation Factor
Leakage Current
Leakage Current
Test Time
RS
Performance
RSG
-40°C ~ +105°C
-40°C ~ +85°C
Capacitance Change
Capacitance Change
Less than 200% of specifiec value
2000 Hrs
± 15%
Within specified values
500 Hrs
± 15%
DIMENSIONS AND PERMISSABLE RIPPLE CURRENT
Dimension: D×L(mm)
Ripple Current: (Ap-p) at 15.75KHz
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Số phần tương tự - RS010M1HBK130250

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
RS010 VISHAY-RS010 Datasheet
286Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision 22-Mar-06
RS010200R0FB12 VISHAY-RS010200R0FB12 Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
logo
Solid States Devices, I...
RS0103 SSDI-RS0103 Datasheet
149Kb / 2P
   SCHOTTKY RECTIFIER
RS0103 SSDI-RS0103_15 Datasheet
149Kb / 2P
   SCHOTTKY RECTIFIER
RS0105 SSDI-RS0105 Datasheet
179Kb / 2P
   SCHOTTKY RECTIFIER
More results

Mô tả tương tự - RS010M1HBK130250

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110_V01 Datasheet
820Kb / 1P
   Aluminum Electrolytic Capactiors RN Series: Radial Bi-Polar
01.06.2022
logo
Panasonic Semiconductor
ECE-A1CN100U PANASONIC-ECE-A1CN100U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1EN330U PANASONIC-ECE-A1EN330U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1HN010UB PANASONIC-ECE-A1HN010UB Datasheet
74Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
logo
RFE international
RB010M1HBK080115 RFE-RB010M1HBK080115 Datasheet
88Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RB & RBG Series: Radial Bi-Polar, 85C & 105C
RNG RFE-RNG Datasheet
814Kb / 1P
   Aluminum Electrolytic Capactiors RNG Series: Radial Bi-Polar, 105°C
01.06.2022
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
TB330M1HTR160380 RFE-TB330M1HTR160380 Datasheet
76Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS TB/TBL Series: Axial, Bi-Polar
SN010M1HBK040070 RFE-SN010M1HBK040070 Datasheet
87Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS SN Series: Radial Non-Polar, Miniature
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com