công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS-01GL2-E bảng dữ liệu(PDF) 7 Page - Omron Electronics LLC |
|
SS-01GL2-E bảng dữ liệu(HTML) 7 Page - Omron Electronics LLC |
7 / 10 page Snap Action Switch SS 101 Precautions Be sure to read the precautions and information common to all Snap Action and Detection Switches, contained in the Technical User’s Guide, “Snap Action Switches, Technical Information” for correct use. ■ Correct Use Mounting Mount the switch onto a flat surface. Mounting on an uneven surface may cause deformation of the switch, resulting in faulty operation or breakage in the housing. Operating Stroke Take particular care in setting the operating stroke for the pin plunger models. Make sure that the operating stroke is 70% to 100% of the rated OT distance. Do not operate the actuator exceeding the OT dis- tance, otherwise the life expectancy of the switch may be shortened. Using Microloads Using a model for ordinary loads to switch microloads may result in faulty operation. Instead, use the models that are designed for microloads and that operate in the following range; However, even when using microload models within the operating range shown above, if inrush current or inductive voltage spikes occur when the contact is opened or closed, then contact wear may increase and so decrease the service life. Therefore, insert a contact protection circuit where necessary. ■ Cautions Handling Turn OFF the power supply before mounting or removing the switch, wiring, or performing maintenance for inspection. Failure to do so may result in electric shock or burning Terminal Connection When soldering the lead wire to the terminal, first insert the lead wire conductor through the terminal hole and then solder. Make sure that the capacity of the soldering iron is 60 W maximum. Do not take more than 5 seconds to solder the switch terminal. Improper soldering involving an excessively high temperature or excessive soldering time may deteriorate the characteristics of the switch. Be sure to apply only the minimum required amount of flux. The switch may have contact failures if flux intrudes in the interior of the switch. Use the following lead wires to connect to the solder terminals; If the PCB terminal models are soldered in a solder bath, flux will per- meate inside the switch and cause contact failure. Therefore, manu- ally solder the PCB terminal. Wire the quick-connect terminals (#110) with receptacles. Insert the terminals straight into the receptacles. Do not impose excessive force on the terminal in the horizontal direction, otherwise the termi- nal may be deformed or the housing may be damaged. Insulation Distance Use a separator between the switch and metal mounting panels, to ensure proper dielectric characteristics are achieved. According to EN61058-1, the minimum insulation thickness for this switch should be 1.1 mm and minimum clearance distance between the terminal and mounting plate should be 1.6 mm. If the insulation distance cannot be provided in the product incorporating the switch, either use a switch with insulation barrier or use a separator to ensure sufficient insulation distance. Operating range for micro load models SS-01 Operating range for general-load models SS-5, SS-10 Current (mA) Inoperable range 30 24 12 1,000 100 10 1 0 5 100mA 100mA 160mA 26mA 1mA 0.16mA Model Conductor size SS-5 0.5 to 0.75 mm2 SS-10 0.75 mm2 Separator |
Số phần tương tự - SS-01GL2-E |
|
Mô tả tương tự - SS-01GL2-E |