công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A-20GQ22-B bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC |
|
A-20GQ22-B bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC |
2 / 8 page 20 Snap Action Switch A Specifications ■ Characteristics Note: 1. The value is for the pin plunger. 2. Malfunction: 1 ms max. ■ Operating Characteristics ■ Ratings Note: 1. The above values are for steady-state current. 2. Inductive load has a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC). 3. Lamp load has an inrush current of 10 times the steady-state current. 4. Motor load has an inrush current of 6 times the steady-state current. 5. The ratings values apply under the following test conditions: (1) Ambient temperature: 20 ±2°C (2) Ambient humidity: 65 ±5%RH (3) Operating frequency: 20 operations/min ■ Contact Specification ■ Safety Standards Ratings UL/CSA (General ratings only) Operating speed 0.01 mm to 1m/s (see note 1) Operating frequency Mechanical 240 operations/min Electrical 20 operations/min Contact resistance 15 m Ω max. (initial value) Insulation resistance 100 M Ω min. (at 500 VDC) Dielectric strength 1,000 VAC, 50/60 Hz for 1 min between terminals of the same polarity 2,000 VAC, 50/60 Hz for 1 min between the current-carrying metal parts and the ground, and between each terminal and non-current-carrying metal parts Vibration resistance Malfunction 10 to 55 Hz, 1.5-mm double amplitude (See note 2) Shock resistance Destruction 1,000 m/s2 max. Malfunction 300 m/s2 max. (See notes 1 and 2) Degree of protection IP00 Degree of protection against electric shock Class I Proof tracking index (PTI) 175 Ambient operating temperature −25°C to 80°C (with no icing) Ambient operating humidity 35% to 85%RH Service life Mechanical 1,000,000 operations min. Electrical 500,000 operations min. Weight Approx. 22 to 58 g Characteristics A-20G-B A-20GD-B A-20GQ-B A-20GQ22-B A-20GQ21-B A-20GV21-B A-20GV-B A-20GV22-B A-20GV2-B OF 400 to 625 g 630 g max. 160 g 70 g 160 g 90 g RF min. 285 g 280g 42 g 14 g 42 g 14 g PT max. 1.3 mm 6.5 mm 15.9 mm 6.3 mm 12 mm OT min. 0.25 mm 3 mm 5.6 mm 3.58 mm 1.2 mm 4 mm 1.2 mm 2.4 mm MD max. 0.2 mm 0.35 mm 1.2 mm 2.4 mm 1.2 mm 2.2 mm OP 16.3 ±0.4 mm 26.2 ±0.5 mm 21.8 ±0.8 mm 33.4 ±1.2 mm 19 ±0.8 mm 19 ±0.8 mm 29.8 ±0.8 mm 30.2 ±0.8 mm Rated voltage (V) Non-inductive load (A) Inductive load (A) Resistive load Lamp load Inductive load Motor load NC NO NC NO NC NO NC NO 125 VAC 250 VAC 500 VAC 20 20 15 7.5 7.5 4 20 20 10 12.5 8.3 2 8 VDC 14 VDC 30 VDC 125 VDC 250 VDC 20 20 6 0.5 0.25 3 3 3 0.5 0.25 1.5 1.5 1.5 0.5 0.25 20 15 5 0.05 0.03 12.5 12.5 5 0.05 0.03 Contacts Shape Rivet Material Silver alloy Gap (standard value) 0.5 mm Inrush current NC 75 A max. NO 75 A max. Rated voltage A-20G 125 VAC 1 HP and 10 A "L" (Tungsten) 250 VAC 2 HP 480 VAC 20 A 125 VDC 0.5 A 250 VDC 0.25 A |
Số phần tương tự - A-20GQ22-B |
|
Mô tả tương tự - A-20GQ22-B |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |