công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAM-6050 bảng dữ liệu(PDF) 1 Page - Advantech Co., Ltd.

tên linh kiện ADAM-6050
Giải thích chi tiết về linh kiện  18-ch Isolated Digital I/O Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADVANTECH [Advantech Co., Ltd.]
Trang chủ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-6050 bảng dữ liệu(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-6050 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Specifications
Digital Input
Channels
12
Dry Contact
Logic level 0: close to GND
Logic level 1: open
Wet Contact
Logic level 0: 0 ~ 3 VDC
Logic level 1: 10 ~ 30 VDC
Supports 3 kHz Counter Input
(32-bit + 1-bit overflow)
Keep/Discard Counter Value when Power-off
Supports 3 kHz Frequency Input
Supports Inverted DI Status
Digital Output
Channels
6 (Sink Type)
Open Collector to 30 V, 100 mA maximum
load
Supports 5 kHz Pulse Output
Supports High-to-Low and Low-to-High Delay
Output
Ordering Information
ADAM-6050
18-ch Isolated DI/O
Module
ADAM-6050
ADAM-6051
ADAM-6052
18-ch Isolated Digital I/O Module
14-ch Isolated Digital I/O Module
with 2-ch Counter
16-ch Source-type Isolated Digital
I/O Module
Specifications
Digital Input
Channels
12
Dry Contact
Logic level 0: close to GND
Logic level 1: open
Wet Contact
Logic level 0: 0 ~ 3 VDC
Logic level 1: 10 ~ 30 VDC
Supports 3 kHz Counter Input
(32-bit + 1-bit overflow)
Keep/Discard Counter Value when Power-off
Supports 3 kHz Frequency Input
Supports Inverted DI Status
Counter Input
Channels
2
Mode
Counter, Frequency
Keep/Discard Counter Value when Power-off
Maximum Count
4,294,967,295
(32-bit + 1-bit overflow)
Input Frequency
Frequency Mode:
0.2 ~ 4500 Hz
Counter Mode: 0 ~ 4.5 kHz
Digital Output
Channels
2 (Sink Type)
Open Collector to 30 V, 100 mA maximum
load
Supports 5 kHz Pulse Output
Supports High-to-Low and Low-to-High Delay
Output
Ordering Information
ADAM-6051
16-ch Isolated DI/O with
Counter Module
Common Specifications
General
LAN
10/100Base-T(X)
Power Consumption 2 W @ 24 VDC
Connectors
1 x RJ-45 (LAN), Plug-in
screw terminal block (I/O
and power)
Watchdog
System (1.6 second)
and Communication
(programmable)
Power Input
10 ~ 30 VDC
Supports Peer-to-Peer
Supports GCL
Supports Modbus/TCP, TCP/IP, UDP and
HTTP Protocol
Protection
Power Reversal Protection
Isolation Protection 2,000 VDC
ADAM-6050
ADAM-6051
ADAM-6052
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
Specifications
Digital Input
Channels
8
Dry Contact
Logic level 0: close to GND
Logic level 1: open
Wet Contact
Logic level 0 : 0 ~ 3 VDC
Logic level 1 : 10 ~ 30 VDC
Supports 3 kHz Counter Input
(32-bit + 1-bit overflow)
Keep/Discard Counter Value when Power-off
Supports 3 kHz Frequency Input
Supports Inverted DI Status
Digital Output
Channels
8 (Source Type)
Digital Output
10 ~ 35 VDC
Current
1 A (per channel)
Supports 5 kHz Pulse Output
Supports High-to-Low and Low-to-High Delay
Output
Supports Over Current Protection
Ordering Information
ADAM-6052
16-ch Source-type Isolated
DI/O Module
Environment
Operating
-10 ~ 70° C
Temperature
Storage Temperature -20 ~ 80° C
Humidity (Operating) 20 ~ 95% RH
(non-condensing)
Humidity (Storage) 0 ~ 95% RH
(non-condensing)


Số phần tương tự - ADAM-6050

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ADAM-6050 ETC1-ADAM-6050 Datasheet
120Kb / 1P
   Kompakte I/O-Module
logo
Advantech Co., Ltd.
ADAM-6050 ADVANTECH-ADAM-6050 Datasheet
1Mb / 2P
   18-ch Isolated Digital I/O Modbus TCP Module
ADAM-6050 ADVANTECH-ADAM-6050 Datasheet
514Kb / 1P
   18-ch Isolated Digital I/O Modbus TCP Module
13-Aug-2021
ADAM-6050 ADVANTECH-ADAM-6050_14 Datasheet
1Mb / 2P
   18-ch Isolated Digital I/O Modbus TCP Module
ADAM-6050 ADVANTECH-ADAM-6050_V01 Datasheet
514Kb / 1P
   18-ch Isolated Digital I/O Modbus TCP Module
13-Aug-2021
More results

Mô tả tương tự - ADAM-6050

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
ADAM-6050 ADVANTECH-ADAM-6050_14 Datasheet
1Mb / 2P
   18-ch Isolated Digital I/O Modbus TCP Module
ADAM-6050 ADVANTECH-ADAM-6050_V01 Datasheet
514Kb / 1P
   18-ch Isolated Digital I/O Modbus TCP Module
13-Aug-2021
PCM-3730 ADVANTECH-PCM-3730 Datasheet
390Kb / 7P
   32-ch Isolated Digital I/O Module
USB-4750 ADVANTECH-USB-4750 Datasheet
519Kb / 1P
   32-ch Isolated Digital I/O USB Module
USB-4750-AE ADVANTECH-USB-4750-AE Datasheet
152Kb / 1P
   32-ch Isolated Digital I/O USB Module
USB-4750 ADVANTECH-USB-4750_V01 Datasheet
451Kb / 1P
   32-Ch Isolated Digital I/O USB Module
27-Jun-2018
PCM-3730I ADVANTECH-PCM-3730I Datasheet
650Kb / 1P
   32-ch Isolated Digital I/O PCI-104 Module
PCM-3730I ADVANTECH-PCM-3730I_14 Datasheet
714Kb / 1P
   32-ch Isolated Digital I/O PCI-104 Module
ADAM-6250 ADVANTECH-ADAM-6250_14 Datasheet
1Mb / 2P
   15-ch Isolated Digital I/O Modbus TCP Module
ADAM-6052 ADVANTECH-ADAM-6052 Datasheet
138Kb / 1P
   16-ch Source-type Isolated Digital I/O Module
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com