công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAM-5510EKW-TP bảng dữ liệu(PDF) 1 Page - Advantech Co., Ltd.

tên linh kiện ADAM-5510EKW-TP
Giải thích chi tiết về linh kiện  4-slot SoftLogic Controller with Ethernet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADVANTECH [Advantech Co., Ltd.]
Trang chủ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-5510EKW-TP bảng dữ liệu(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-5510EKW-TP Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Programmable Automation Controllers
Features
RoHS
COMPLIANT
2002/95/EC
ADAM-5510KW/TCP
ADAM-5510EKW/TP
Introduction
The ADAM-5510EKW/TP is an Ethernet-enabled SoftLogic Controller. In addition to the features of ADAM-5510KW and ADAM-5510EKW, the ADAM-5510EKW/TP has Ethernet
features including Modbus/TCP Server, Modbus/TCP Client and Multiprog via Ethernet functions. Therefore, users can easily and quickly complete their programming based on
Ethernet architecture.
Standard Modbus Interface
For advanced system integration, the ADAM-5510EKW/TP supports not only Modbus/RTU Master and Slave functions via serial ports, but also the Modbus/TCP Client to retrieve data
from remote I/O, and Modbus/TCP Server to send data back to the HMI/SCADA Software via Ethernet port. Furthermore, the ADAM-5510EKW/TP allows users to remotely maintain
multiple ADAM-5510EKW/TP controllers by running Multiprog programming software via Ethernet.
4-slot SoftLogic Controller
with Ethernet
8-slot SoftLogic Controller
with Ethernet
10/100Base-T Ethernet interface
Built-in Modbus/TCP server
Supports Modbus/TCP client
Supports Modbus/RTU Master
Supports Modbus/RTU Slave
Supports Multiprog via Ethernet
IEC-61131-3 standard package
Supports LD/FB/SFC/IL/ST languages
Cross-language compiling program
8 I/O slots base and handles up to 128 local I/O points
Supports AI/AO/DI/DO/Counter function blocks
Specifications
Control System
CPU
16-bit microprocessor
I/O Capacity
4 slots (ADAM-5510KW/TCP)
8 slots (ADAM-5510EKW/TP)
LED Indicators
Power, CPU, communication, and battery
Memory
Flash disk: 512 KB
Flash memory: 768 KB
Flash ROM: 256 KB
RAM: 768 KB SRAM, 17 KB with battery backup
Operating System
ROM-DOS
Real-time Clock
Yes
Watchdog Timer
Yes
Communications (Ethernet)
Medium
Cat.5 cable with RJ-45 connectors
Transmission Speed
100 Mbps (10/100Base-T)
Communications (Serial)
Max. Nodes
32 (in RS-485 daisy-chain network)
Medium
RS-485 (2-wire)
Protocols
Modbus/RTU, Modbus/TCP (Max. 8 Connection with
Modbus/TCP)
Transmission Speed
9,600, 19,200 and 38,400 bps
Protection
Power Input
3,000 VDC
Communication Line
2,500 VDC (COM2 only)
Isolation
Power Reversal
Yes
Protection
Power
Power Consumption
4 W @ 24 Vdc (not including I/O modules)
Unregulated 10 ~ 30 V
Power Input
Unregulated 10 ~ 30 VDC
General
Certifications
CE, FCC class A
Connectors
1 x DB9-M for RS-232/485 (COM1)
1 x Screw terminal for RS-485 (COM2)
1 x DB9-F for RS-232/Programming (COM3)
1 x DB9-M for RS-232/485 (COM4)
1 x Screw-terminal for power input
1 x RJ-45 for LAN
Dimensions
4-slot: 231 x 110 x 75 mm
8-slot: 355 x 110 x 75 mm
Enclosure
ABS+PC
Mounting
DIN 35 rail, stack, wall
Environment
Humidity
5 ~ 95%, non-condensing
Operating Temperature - 10 ~ 70° C (14 ~ 158° F)
Storage Temperature
- 25 ~ 85° C (-13 ~ 185° F)
Ordering Information
ADAM-5510KW/TCP
4-slot Ethernet-enabled SoftLogic Controller
ADAM-5510EKW/TP
8-slot Ethernet-enabled SoftLogic Controller
MPROG-BAS33
KW Multiprog v3.3 for WinNT/2K/XP (128-byte I/O)


Số phần tương tự - ADAM-5510EKW-TP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
ADAM-5510EKW-TP ADVANTECH-ADAM-5510EKW-TP Datasheet
69Kb / 1P
   ADAM-5510EKW-TP
More results

Mô tả tương tự - ADAM-5510EKW-TP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
ADAM-5510KW ADVANTECH-ADAM-5510KW Datasheet
526Kb / 1P
   4-slot SoftLogic Controller with RS-485
ADAM-5510 ADVANTECH-ADAM-5510 Datasheet
611Kb / 2P
   4-slot PC-based Controller with Ethernet
logo
Beckhoff Automation Gmb...
CU8880-0010 BECKHOFF-CU8880-0010 Datasheet
109Kb / 2P
   Ethernet controller with USB input
logo
WAGO Kontakttechnik Gmb...
750-880-040-001 WAGO-750-880-040-001 Datasheet
705Kb / 15P
   Controller ETHERNET; 3rd Generation; SD Card Slot
logo
Cirrus Logic
CS8920 CIRRUS-CS8920 Datasheet
1Mb / 66P
   Ethernet Controller
logo
Micrel Semiconductor
KSZ8841 MICREL-KSZ8841 Datasheet
167Kb / 2P
   Ethernet MAC Controller with PCI Interface
logo
Davicom Semiconductor, ...
DM9008AEP DAVICOM-DM9008AEP_06 Datasheet
1Mb / 50P
   Ethernet Controller with General Processor Interface
logo
STMicroelectronics
SPEAR-07-NC03 STMICROELECTRONICS-SPEAR-07-NC03 Datasheet
1Mb / 194P
   Ethernet Communication Controller with USB-Host
logo
Davicom Semiconductor, ...
DM9000B DAVICOM-DM9000B_12 Datasheet
425Kb / 63P
   Ethernet Controller With General Processor Interface
logo
List of Unclassifed Man...
DM9000A ETC1-DM9000A Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com