công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33596FJAE/R2 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MC33596FJAE/R2
Giải thích chi tiết về linh kiện  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FJAE/R2 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC33596FJAE/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33596FJAE/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33596FJAE/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33596FJAE/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33596FJAE/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33596FJAE/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33596FJAE/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33596FJAE/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33596FJAE/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
MC33596 Data Sheet, Rev. 4
State Machine
Freescale Semiconductor
10
Refer to Section 10, “State Machine,” and to Figure 2 for more details about all the conditions that must
be complied with in order to change between two selected modes.
The data transfer protocol for each mode is described in the following section.
10
State Machine
This section describes how the MC33596 controller executes sequences of operations, relative to the
selected mode. The controller is a finite state machine, clocked at Tdigclk. An overview is presented in
Figure 2 (note that some branches refer to other diagrams that provide more detailed information).
There are three different modes: configuration, receive, and standby/LVD. Each mode is exclusive and can
be entered in different ways, as follows.
External signal: CONFB for configuration mode
External signal and configuration bits: CONFB and TRXE for all other modes,
External signal and internal conditions: see Figure 3 and Figure 12 for information on how to
enter standby/LVD mode
After a Power-on Reset (POR), the circuit is in standby mode (see Figure 2) and the configuration register
contents are set to the reset value.
At any time, a low level applied to CONFB forces the finite state machine into configuration mode,
whatever the current state. This is not always shown in state diagrams, but must always be considered.
Refer to (Section 14, “Power-On Reset and MC33596 Startup”) for timing sequence between standy mode
and configuration mode.
Table 5. Serial Digital Interface Feature versus Selected Mode
Selected Mode
MC33596 Digital Interface Use
Configuration
SPI slave, data received on MOSI, SCLK from MCU, MISO is output (SEB=0)
Receive
DME = 1
SPI master, data sent on MOSI with clock on SCLK (SEB=0)
DME = 0
SPI deselected, received data are directly sent to MOSI (SEB=0)
Standby / LVD
SPI deselected, all I/O are high impedance (SEB =1)


Số phần tương tự - MC33596FJAE/R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33596FJAE/R2 FREESCALE-MC33596FJAE/R2 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results

Mô tả tương tự - MC33596FJAE/R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596 Datasheet
522Kb / 58P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33592FTA MOTOROLA-MC33592FTA Datasheet
524Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596_09 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com