công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F100V6H7B bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện STM32F100V6H7B
Giải thích chi tiết về linh kiện  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100V6H7B bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button STM32F100V6H7B Datasheet HTML 6Page - STMicroelectronics STM32F100V6H7B Datasheet HTML 7Page - STMicroelectronics STM32F100V6H7B Datasheet HTML 8Page - STMicroelectronics STM32F100V6H7B Datasheet HTML 9Page - STMicroelectronics STM32F100V6H7B Datasheet HTML 10Page - STMicroelectronics STM32F100V6H7B Datasheet HTML 11Page - STMicroelectronics STM32F100V6H7B Datasheet HTML 12Page - STMicroelectronics STM32F100V6H7B Datasheet HTML 13Page - STMicroelectronics STM32F100V6H7B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
Description
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
10/84
Doc ID 16455 Rev 2
2
Description
The STM32F100xx value line family incorporates the high-performance ARM Cortex™-M3
32-bit RISC core operating at a 24 MHz frequency, high-speed embedded memories (Flash
memory up to 128 Kbytes and SRAM up to 8 Kbytes), and an extensive range of enhanced
peripherals and I/Os connected to two APB buses. All devices offer standard communication
interfaces (up to two I2Cs, two SPIs, one HDMI CEC, and up to three USARTs), one 12-bit
ADC, two 12-bit DACs, up to six general-purpose 16-bit timers and an advanced-control
PWM timer.
The STM32F100xx low- and medium-density value line family operates in the –40 to +85 °C
and –40 to +105 °C temperature ranges, from a 2.0 to 3.6 V power supply. A comprehensive
set of power-saving mode allows the design of low-power applications.
The STM32F100xx value line family includes devices in three different packages ranging
from 48 pins to 100 pins. Depending on the device chosen, different sets of peripherals are
included, the description below gives an overview of the complete range of peripherals
proposed in this family.
These features make the STM32F100xx value line microcontroller family suitable for a wide
range of applications:
Application control and user interface
Medical and handheld equipment
PC peripherals, gaming and GPS platforms
Industrial applications: PLC, inverters, printers, and scanners
Alarm systems, Video intercom, and HVAC
Figure 1 shows the general block diagram of the device family.


Số phần tương tự - STM32F100V6H7B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32F100VC STMICROELECTRONICS-STM32F100VC Datasheet
1Mb / 106P
   Clock, reset and supply management
March 2016 Rev 10
STM32F100VCT6 STMICROELECTRONICS-STM32F100VCT6 Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
STM32F100VCT6BTR STMICROELECTRONICS-STM32F100VCT6BTR Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU
STM32F100VCT7BTR STMICROELECTRONICS-STM32F100VCT7BTR Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU
STM32F100VD STMICROELECTRONICS-STM32F100VD Datasheet
1Mb / 106P
   Clock, reset and supply management
March 2016 Rev 10
More results

Mô tả tương tự - STM32F100V6H7B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32F100RC STMICROELECTRONICS-STM32F100RC Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU
STM32F051X4 STMICROELECTRONICS-STM32F051X4 Datasheet
1Mb / 104P
   Low- and medium-density advanced ARM??based 32-bit MCU
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
CD00161566 STMICROELECTRONICS-CD00161566 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
August 2013
CD00191174 STMICROELECTRONICS-CD00191174 Datasheet
1Mb / 112P
   High-density access line, ARM-based 32-bit MCU
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU
STM32F103VFT6TR STMICROELECTRONICS-STM32F103VFT6TR Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F103VFT6 STMICROELECTRONICS-STM32F103VFT6 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F107VBT6 STMICROELECTRONICS-STM32F107VBT6 Datasheet
1Mb / 103P
   Connectivity line, ARM-based 32-bit MCU
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
   ARM-based 32-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com