công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F100RBT7B bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện STM32F100RBT7B
Giải thích chi tiết về linh kiện  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100RBT7B bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button STM32F100RBT7B Datasheet HTML 2Page - STMicroelectronics STM32F100RBT7B Datasheet HTML 3Page - STMicroelectronics STM32F100RBT7B Datasheet HTML 4Page - STMicroelectronics STM32F100RBT7B Datasheet HTML 5Page - STMicroelectronics STM32F100RBT7B Datasheet HTML 6Page - STMicroelectronics STM32F100RBT7B Datasheet HTML 7Page - STMicroelectronics STM32F100RBT7B Datasheet HTML 8Page - STMicroelectronics STM32F100RBT7B Datasheet HTML 9Page - STMicroelectronics STM32F100RBT7B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
List of tables
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
6/84
Doc ID 16455 Rev 2
Table 45.
DAC characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
Table 46.
TS characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
Table 47.
LQPF100 – 14 x 14 mm, 100-pin low-profile quad flat package mechanical data . . . . . . . 74
Table 48.
LQFP64 – 10 x 10 mm, 64-pin low-profile quad flat package mechanical data . . . . . . . . . 75
Table 49.
TFBGA64 - 8 x 8 active ball array, 5 x 5 mm, 0.5 mm pitch, package mechanical data. . . 76
Table 50.
LQFP48 – 7 x 7 mm, 48-pin low-profile quad flat package mechanical data . . . . . . . . . . . 78
Table 51.
Package thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Table 52.
Ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
Table 53.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83


Số phần tương tự - STM32F100RBT7B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32F100RC STMICROELECTRONICS-STM32F100RC Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU
STM32F100RC STMICROELECTRONICS-STM32F100RC Datasheet
1Mb / 106P
   Clock, reset and supply management
March 2016 Rev 10
STM32F100RCT6 STMICROELECTRONICS-STM32F100RCT6 Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
STM32F100RCT6BTR STMICROELECTRONICS-STM32F100RCT6BTR Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU
STM32F100RCT7BTR STMICROELECTRONICS-STM32F100RCT7BTR Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU
More results

Mô tả tương tự - STM32F100RBT7B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32F100RC STMICROELECTRONICS-STM32F100RC Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU
STM32F051X4 STMICROELECTRONICS-STM32F051X4 Datasheet
1Mb / 104P
   Low- and medium-density advanced ARM??based 32-bit MCU
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
CD00161566 STMICROELECTRONICS-CD00161566 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
August 2013
CD00191174 STMICROELECTRONICS-CD00191174 Datasheet
1Mb / 112P
   High-density access line, ARM-based 32-bit MCU
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU
STM32F103VFT6TR STMICROELECTRONICS-STM32F103VFT6TR Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F103VFT6 STMICROELECTRONICS-STM32F103VFT6 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F107VBT6 STMICROELECTRONICS-STM32F107VBT6 Datasheet
1Mb / 103P
   Connectivity line, ARM-based 32-bit MCU
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
   ARM-based 32-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com