công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM1808AZWT4 bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
AM1808AZWT4 bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 264 page Switched Central Resource (SCR) 16KB I-Cache 16KB D-Cache 4KB ETB ARM926EJ-S CPU With MMU ARM Subsystem JTAG Interface System Control Input Clock(s) 64KB ROM 8KB RAM (Vector Table) Power/Sleep Controller Pin Multiplexing PLL/Clock Generator w/OSC General- Purpose Timer (x3) Serial Interfaces Audio Ports McASP w/FIFO DMA Peripherals Display Internal Memory LCD Ctlr 128KB RAM External Memory Interfaces Connectivity EDMA3 (x2) Control Timers ePWM (x2) eCAP (x3) EMIFA(8b/16B) NAND/Flash 16b SDRAM DDR2/MDDR Controller RTC/ 32-kHz OSC I C (x2) 2 SPI (x2) UART (x3) McBSP (x2) Video VPIF Parallel Port uPP EMAC 10/100 (MII/RMII) MDIO USB1.1 OHCI Ctlr PHY USB2.0 OTG Ctlr PHY HPI MMC/SD (8b) (x2) SATA Customizable Interface PRU Subsystem AM1808 www.ti.com SPRS653 – FEBRUARY 2010 1.4 Functional Block Diagram (1) Note: Not all peripherals are available at the same time due to multiplexing. Figure 1-1. Functional Block Diagram Copyright © 2010, Texas Instruments Incorporated AM1808 ARM Microprocessor 5 Submit Documentation Feedback Product Folder Link(s): AM1808 |
Số phần tương tự - AM1808AZWT4 |
|
Mô tả tương tự - AM1808AZWT4 |