công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F100x6 bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
STM32F100x6 bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
9 / 84 page STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB Introduction Doc ID 16455 Rev 2 9/84 1 Introduction This datasheet provides the ordering information and mechanical device characteristics of the STM32F100x4, STM32F100x6, STM32F100x8 and STM32F100xB value line microcontrollers. In the rest of the document, the STM32F100x4 and STM32F100x6 are referred to as low-density devices while the STM32F100x8 and STM32F100xB are identified as medium-density devices. The STM32F100xx datasheet should be read in conjunction with the low- and medium- density STM32F100xx reference manual. For information on programming, erasing and protection of the internal Flash memory please refer to the STM32F100xx Flash programming manual. The reference and Flash programming manuals are both available from the STMicroelectronics website www.st.com. For information on the Cortex™-M3 core please refer to the Cortex™-M3 Technical Reference Manual, available from the www.arm.com website at the following address: http://infocenter.arm.com/help/index.jsp?topic=/com.arm.doc.ddi0337e/. |
Số phần tương tự - STM32F100x6 |
|
Mô tả tương tự - STM32F100x6 |