công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS39105CP450RO bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
TS39105CP450RO bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 7 page TS39105 1A Ultra Low LDO with Enable 1/7 Version: A08 TO-252-4L (PPAK) TO-252-5L General Description The TS39105 are 1A ultra low dropout linear voltage regulators that provide low voltage, high current output from an extremely small package. These regulators offers extremely low dropout (typically 400mV at 1A) and very low ground current (typically 12mA at 1A). The TS39105 are fully protected against over current faults, reversed input polarity, reversed lead insertion, over temperature operation, positive and negative transient voltage spikes, logic level enable control and error flag which signals whenever the output falls out of regulation. On the TS39105, the enable pin may be tied to Vin if it is not required for enable control. Features ● Dropout voltage typically 0.4V @Io=1.0A ● Output Current up to 1A ● Low Ground Current ● Extremely Fast Transient Response ● Reversed Leakage & Reverse Battery Protection ● Current Limit & Thermal Shutdown Protection Ordering Information Part No. Package Packing TS39105CP4xx RO TO-252-4L 2.5Kpcs / 13” Reel TS39105CP5xx RO TO-252-5L 2.5Kpcs / 13” Reel Note: Where xx denotes voltage option, available are 18=1.8V, 25=2.5V, 33=3.3V, 50=5.0V Application ● ULDO Linear Regulator for PC add-in Cards ● PowerPC TM Power Supplies ● Battery Powered Equipment ● Consumer and Personal Electronics ● High Efficiency Linear Power Supplies ● SMPS Post Regulator and DC to DC Modules ● High-efficiency Post Regulator for Switching Supply ● Portable Application ● Low-Voltage microcontrollers and Digital Logic Typical Application Circuit Absolute Maximum Rating (Note 1) Parameter Symbol Value Units Supply Voltage VIN -20V ~ +20 V Enable Voltage VEN +20 V Operation Input Voltage VIN (operate) +2.25 ~ +16 V Operation Enable Voltage VEN (operate) +2.25 ~ +16 V Power Dissipation (Note 4) PD Internally Limited W Operating Junction Temperature Range TJ -40 ~ +125 oC Storage Temperature Range TSTG -65 ~ +150 oC Lead Soldering Temperature (260 oC) 5 S ESD (Note 3) Pin Definition: 1. Input 2. Enable 3. Output (tab) 4. N/C 5. Ground |
Số phần tương tự - TS39105CP450RO |
|
Mô tả tương tự - TS39105CP450RO |