công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS39104 bảng dữ liệu(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS39104
Giải thích chi tiết về linh kiện  1A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39104 bảng dữ liệu(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS39104 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39104 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39104 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39104 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39104 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39104 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39104 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39104 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39104 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS39101/2/4
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
4/9
Version: A08
Functional Diagram
TS39101 Fixed Regulator with Flag and Enable Block Diagram
TS39102/4 Adjustable Regulator Block Diagram
Application Information
The TS39101/2/4 are high performance with low dropout voltage regulator suitable for moderate to high current and
voltage regulator application. Its 630mV dropout voltage at full load and over temperature makes it especially valuable
in battery power systems and as high efficiency noise filters in post regulator applications. Unlike normal NPN
transistor design, where the base to emitter voltage drop and collector to emitter saturation voltage limit the minimum
dropout voltage, dropout performance of the PNP output of these devices is limited only by low VCE saturation voltage.
The TS39101/2/4 s fully protected from damage due to fault conditions. Linear current limiting is provided. Output
current during overload conditions is constant. Thermal shutdown the device when the die temperature exceeds the
maximum safe operating temperature. Transient protection allows device survival even when the input voltage spikes
above and below nominal. The output structure of these regulators allows voltages in excess of the desired output
voltage to be applied without reverse current flow.


Số phần tương tự - TS39104

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS39104CS TSC-TS39104CS Datasheet
593Kb / 13P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Mô tả tương tự - TS39104

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100_07 Datasheet
593Kb / 13P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39103 TSC-TS39103 Datasheet
425Kb / 8P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39103 TSC-TS39103_11 Datasheet
205Kb / 8P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
   1A Ultra Low Dropout Voltage Regulator with Enable Function
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM550 TSC-TS39301CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM550 TSC-TS39303CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ18 TSC-TS39500CZ18 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ518 TSC-TS39501CZ518 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ525 TSC-TS39501CZ525 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com