công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS19370CX6RF bảng dữ liệu(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS19370CX6RF
Giải thích chi tiết về linh kiện  Boost (Step-up) WLED Driver with OVP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19370CX6RF bảng dữ liệu(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19370CX6RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19370CX6RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19370CX6RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19370CX6RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19370CX6RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19370CX6RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19370CX6RF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19370CX6RF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS19370
Boost (Step-up) WLED Driver with OVP
2/8
Version: D08
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Voltage
VIN
20
V
Supply Voltage (Recommended)
VIN
2.5 ~ 18
V
FB Voltage
VFB
10
V
SW Voltage
VSW
36
V
CTRL Voltage
VCTRL
10
V
Ambient Temperature Range
TA
-40 to +85
oC
Junction Temperature Range
TJ
-40 to +125
oC
Electrical Specifications (Ta = 25oC, VIN= VCTRL=3V, CIN=1uF, COUT=0.22uF unless otherwise noted)
Function Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.5
--
18
V
Feedback Voltage
VFB
ISW=100mA, 66% duty
cycle
86
95
104
mV
FB Pin Bias Current
IB
10
45
100
nA
--
1.9
2.5
mA
Supply Current
IQ
CTRL = 0V
--
0.1
1.0
uA
Switching Frequency
FRSW
0.8
1.2
1.6
MHz
Switch Current Limit
ICL
--
320
--
mA
Maximum Duty Cycle
DTMX
85
90
--
%
Switch VCESAT
VSAT
At ISW= 250mA
--
350
--
mV
Switch Leakage Current
ILKG
VSW = 5V
--
0.01
5
µA
High
1.5
--
--
V
VCTRL
VCTL
Low
--
--
0.4
V
CTRL Pin Bias Current
ICTL
Ctrl = 2V
--
65
--
µA
Over Voltage Protection
OVP
--
30
--
V
Thermal Resistance
θJA
--
220
--
°C/W
Note:
Absolute maximum ratings are limits beyond which damage to the device may occur.
The maximum allowable power dissipation is a function of maximum function temperature, TJ(max), the junction to
ambient thermal resistance, θ JA , and the ambient temperature. The maximum allowable, power dissipation at any
ambient temperature is calculated using: PD(MAX)= [TJ(max)-TA]/θJA . Exceeding the maximum allowable power
dissipation will cause excessive die temperature. All limits at temperature extremes are guaranteed via correlation
using standard statistical methods


Số phần tương tự - TS19370CX6RF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS19370CX6RF TSC-TS19370CX6RF Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

Mô tả tương tự - TS19370CX6RF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
   High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com