công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS19370 bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS19370
Giải thích chi tiết về linh kiện  Boost (Step-up) WLED Driver with OVP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19370 bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19370 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS19370
Boost (Step-up) WLED Driver with OVP
1/8
Version: D08
SOT-26
General Description
The TS19370 is a step-up DC/DC converter specifically designed to drive white LEDs with a constant current. The
device can drive 2 ~ 9 LEDs in series from a Li-Ion cell. Series connection of the LEDs provides identical LED
currents resulting in uniform brightness and eliminating the need for ballast resistors. The output capacitor can be as
small as 0.22µF, saving space versus alternative solutions. A low 95mV feedback voltage minimizes power loss for
better efficiency. Additional feature include over output voltage limiting when LEDs are disconnected.
The TS19370 switches at a fixed frequency of 1.2MHz, allowing the use of tiny, low profile inductors and capacitors to
minimize footprint and cost in space consideration applications for cellular phone backlighting or other hand held
equipment.
Ordering Information
Part No.
Package
Packing
TS19370CX6 RF
SOT-26
3Kpcs / 7” Reel
Features
Inherently Matched LED Current
High Efficiency: 88% Typical
Drives Up to 6 LEDs @ Vin 5V
Drives Up to 9 LEDs @ Vin 9~15V
Over Output Voltage Protection 30V
Fast 1.2MHz Switching Frequency
Requires Only 0.22µF Output Capacitor
PWM dimming control 1KHz to 10KHz
Analog dimming control
Application
Cellular Phones
Portable Electronics Devices PDA, GPS
LCD Display Module
White LED Backlighting
Input Voltage vs. Efficiency
Typical Application Circuit
Pin Definition:
1. SW
6. Input
2. Ground
5. OVP
3. Feedback
4. CTRL


Số phần tương tự - TS19370

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS19370CX6RF TSC-TS19370CX6RF Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

Mô tả tương tự - TS19370

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
   High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com