công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5218CQRF bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS5218CQRF
Giải thích chi tiết về linh kiện  800mA Ultra Low Dropout Voltage Regulator with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5218CQRF bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5218CQRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS5218
800mA Ultra Low Dropout
Voltage Regulator with Enable
1/7
Version: A09
TDFN 3x3
General Description
The TS5218 is 800mA ultra low dropout linear voltage regulators that provide low voltage, high current output from
an extremely small package. These regulators offers extremely low dropout (typically 400mV at 800mA) and very low
ground current (typically 12mA at 800mA).
The TS5218 is fully protected against over current faults, reversed input polarity, reversed lead insertion, over
temperature operation, positive and negative transient voltage spikes, logic level enable control.
Features
Dropout voltage typically 0.4V @Io=800mA
Output Current up to 800mA
Low Ground Current
Extremely Fast Transient Response
Reversed Leakage & Reverse Battery Protection
Current Limit & Thermal Shutdown Protection
Ordering Information
Part No.
Package
Packing
TS5218CQ RF
DFN 3x3
3Kpcs / 7” Reel
Application
ULDO Linear Regulator for PC add-in Cards
PowerPC
TM Power Supplies
Battery Powered Equipment
Consumer and Personal Electronics
High Efficiency Linear Power Supplies
SMPS Post Regulator and DC to DC Modules
High-efficiency Post Regulator for Switching Supply
Portable Application
Low-Voltage microcontrollers and Digital Logic
Typical Application Circuit
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage
VIN
-20V ~ +20
V
Enable Voltage
VEN
+20
V
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
ESD
(Note 3)
Operating Rating (Note 2)
Operation Input Voltage
VIN (operate)
+2.25 ~ +16
V
Operation Enable Voltage
VEN (operate)
+2.25 ~ +16
V
Power Dissipation (Note 4)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Thermal Resistance Junction to Case
JC
20
oC/W
Pin Definition:
1. Enable
2. Input
3. Output
4. Feedback
5.6.7.8. Ground


Số phần tương tự - TS5218CQRF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS5218CQRF TSC-TS5218CQRF Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
More results

Mô tả tương tự - TS5218CQRF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117_07 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com