công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS2431CYRM bảng dữ liệu(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS2431CYRM
Giải thích chi tiết về linh kiện  Adjustable Precision Shunt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2431CYRM bảng dữ liệu(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2431CYRM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2431CYRM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2431CYRM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2431CYRM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2431CYRM Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2431CYRM Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2431CYRM Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2431CYRM Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2431CYRM Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TS2431
Adjustable Precision Shunt Regulator
3/13
Version: E07
Test Circuits
Figure 1: VKA = VREF
Figure 2: VKA > VREF
Figure 3: Off-State Current
Additional Information – Stability
When The TS2431/2431A/2431B is used as a shunt regulator, there are two options for selection of CL, are
recommended for optional stability:
A) No load capacitance across the device, decouple at the load.
B) Large capacitance across the device, optional decoupling at the load.
The reason for this is that TS2431/2431A/2431B exhibits instability with capacitances in the range of 10nF to 1uF
(approx.) at light cathode current up to 3mA (typ). The device is less stable the lower the cathode voltage has been set
for. Therefore while the device will be perfectly stable operating at a cathode current of 10mA (approx.) with a 0.1uF
capacitor across it, it will oscillate transiently during start up as the cathode current passes through the instability region.
Select a very low capacitance, or alternatively a high capacitance (10uF) will avoid this issue altogether. Since the user
will probably wish to have local decoupling at the load anyway, the most cost effective method is to use no capacitance
at all directly across the device. PCB trace/via resistance and inductance prevent the local load decoupling from
causing the oscillation during the transient start up phase.
Note: if the TS2431/2431A/2431B is located right at the load, so the load decoupling capacitor is directly across it, then
this capacitor will have to be ≤1nF or ≥10uF.
Applications Examples
Figure 4: Voltage Monitor
Figure 5: Output Control for Three Terminal
Fixed Regulator


Số phần tương tự - TS2431CYRM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
   PROGRAMMABLE SHUNT VOLTAGE REFERENCE
TS2431AILT STMICROELECTRONICS-TS2431AILT Datasheet
278Kb / 6P
   PROGRAMMABLE SHUNT VOLTAGE REFERENCE
TS2431BILT STMICROELECTRONICS-TS2431BILT Datasheet
278Kb / 6P
   PROGRAMMABLE SHUNT VOLTAGE REFERENCE
TS2431ILT STMICROELECTRONICS-TS2431ILT Datasheet
278Kb / 6P
   PROGRAMMABLE SHUNT VOLTAGE REFERENCE
More results

Mô tả tương tự - TS2431CYRM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com