công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS1520CX5RF bảng dữ liệu(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS1520CX5RF
Giải thích chi tiết về linh kiện  Step-Up DC-DC Converter, White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1520CX5RF bảng dữ liệu(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS1520CX5RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1520CX5RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1520CX5RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1520CX5RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1520CX5RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1520CX5RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1520CX5RF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1520CX5RF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1520CX5RF Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TS1520
Step-Up DC-DC Converter, White LED Driver
2/12
Version: B07
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Voltage
VIN
10
V
Supply Voltage (Recommended)
VIN
2.7 ~ 7
V
FB Voltage
VFB
5
V
SW Voltage
VSW
32
V
CTRL Voltage
VCTRL
5
V
Ambient Temperature Range
TA
-40 to +85
oC
Junction Temperature Range
TJ
-40 to +125
oC
Electrical Specifications (Ta = 25oC, VIN=3.3V, CIN=1uF, COUT=10uF unless otherwise noted)
Function Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.7
--
7
V
Quiescent Current (Not Switching)
VFB = 0.3V
1.2
1.5
1.7
mA
Quiescent Current (Shutdown)
IQ
CTRL = 0V
--
0.3
1
uA
Feedback Voltage
VFB
Iout=20mA,Vout=12.5V
Circuit of Figure 1
180
200
220
mV
ICL
100% duty cycle
420
450
--
Switch Current Limit
ILIM
40% duty cycle
--
250
--
mA
FB Pin Bias Current
IB
VFB=200mV
2
10
20
uA
Switching Frequency
FRSW
680
700
720
KHz
Maximum Duty Cycle
DTMX
--
--
85
%
Minimum Duty Cycle
DTMN
20
--
25
%
Switch Vcesat
VSAT
At Isw = 200mA
--
120
--
mV
Switch Leakage Current
ILKG
Ctrl = 0.3V
--
1
--
µA
Full On
--
1.7
1.8
V
VCTRL for Full LED Current
VCTL
Full Off
--
0.2
0.3
V
CTRL Pin Bias Current
ICTL
Ctrl = 2V
--
20
--
µA
Over Voltage Protection
OVP
--
30
--
V
Thermal Resistance
θJA
--
220
--
°C/W
Note:
Absolute maximum ratings are limits beyond which damage to the device may occur.
The maximum allowable power dissipation is a function of maximum function temperature , TJ(max), the junction to
ambient thermal resistance, θJA , and the ambient temperature. The maximum allowable, power dissipation at any
ambient temperature is calculated using: PD(MAX)= [TJ(max)-TA]/θJA . Exceeding the maximum allowable power
dissipation will cause excessive die temperature. All limits at temperature extremes are guaranteed via correlation
using standard statistical methods


Số phần tương tự - TS1520CX5RF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS1520CX5RF TSC-TS1520CX5RF Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
More results

Mô tả tương tự - TS1520CX5RF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
   Step-up DC-DC Converter,White LED Driver
logo
Taiwan Semiconductor Co...
TS1518 TSC-TS1518 Datasheet
355Kb / 7P
   Step-Up DC-DC Converter, White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com