công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS1518CX5RF bảng dữ liệu(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS1518CX5RF
Giải thích chi tiết về linh kiện  Step-Up DC-DC Converter, White LED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1518CX5RF bảng dữ liệu(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS1518CX5RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1518CX5RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1518CX5RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1518CX5RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1518CX5RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1518CX5RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1518CX5RF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS1518
Step-Up DC-DC Converter, White LED Driver
4/7
Version: B07
Application Information
Operation
The TS1518 uses a constant frequency, current mode control scheme to regulate the output LED current. Its operation
can be understood by referring to the block diagram in Figure 3. At the start of each oscillator cycle, a voltage
proportional to the switch current is added to a ramp output and the resulting sum is fed into the positive terminal of the
PWM comparator (comparator-1). When this voltage exceeds the level of the comparator negative input, the peak
current has been reached, and the SR latch (in Control Logic) is reset and turns off the power switch. The voltage at
the negative input of the comparator comes from the output of the error amplifier. The error amplifier sets the correct
peak current level to keep the output in regulation. If the error amplifier’s output increases, more current is delivered to
the output; if it decreases, less current is delivered.
Soft Start and Current Limit
The internal soft start circuit minimizes the inrush current during turning on TS1518. The maximum switch current is
limited to about 450 mA by the chip.
Open Circuit Protection
The TS1518 has an internal latched off open-circuit protection circuit. When the LEDs are disconnected from the circuit
or fail open, the TS1518 will shutdown automatically until input condition changes to bring it out of the shutdown mode.
Inductor Selection
A 22uH inductor is recommended for most applications to drive more than 5 LEDs. Although small size and high
efficiency are major concerns, the inductor should have low core losses at 1MHz and low DCR (copper wire
resistance).
Diode Selection
To maintain high efficiency, the average current rating of the Schottky diode should be large than the peak inductor
current, IPK. Schottky diode with a low forward drop and fast switching speeds are ideal for increase efficiency in
portable application. Choose a reverse breakdown of the Schottky diode large than the output voltage.
Capacitor Selection
Choose low ESR capacitors for the output to minimize output voltage ripple. Multilayer capacitors are a good choice for
this as well. A 1uF capacitor is sufficient for 2~6 LEDs, 2.2uF is for 7~8 LEDs and 4.7uF is for 9 LEDs applications.
For additional bypassing, a 100nF ceramic capacitor can be used to shunt high frequency ripple on the input.
The input bypass capacitor Cin, as shown in Figure 1, must be placed close to the IC. This will reduce copper trace
resistance which affects input voltage ripple of the IC. For additional input voltage filtering, a 100nF bypass capacitor
can be placed in parallel with Cin to shunt any high frequency noise to ground. The output capacitor, Cout, should also
be placed close to the IC. Any copper trace connections for the Cout capacitor can increase the series resistance,
which directly effect output voltage ripple.
The feedback network, resister R2 should be kept close to the FB pin to minimize copper trace connections that can
inject noise into the system. The ground connection for the feedback resistor network should connect directly to an
analog ground plane. The analog ground plane should tie directly to the GND pin. If no analog ground plane is
available, the ground connection for the feedback network should tie directly to the GND pin. Trace connections made
to the inductor and Schottky diode should be minimized to reduce power dissipation and increase overall efficiency.


Số phần tương tự - TS1518CX5RF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transys Electronics
TS151 TRSYS-TS151 Datasheet
139Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TS1510 TRSYS-TS1510 Datasheet
139Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TS1510R TRSYS-TS1510R Datasheet
161Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
TS151R TRSYS-TS151R Datasheet
161Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
More results

Mô tả tương tự - TS1518CX5RF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
   Step-Up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
   Step-up DC-DC Converter,White LED Driver
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com