công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS16M bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện SS16M
Giải thích chi tiết về linh kiện  1.0Amp Surface Mount Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS16M bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SS16M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS16M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS16M Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Very low profile - typical height of 0.68mm
Ideal for automated placement
Low forward voltage drop. Low power loss.
High efficiency
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
I(AV)
A
IFSM
A
VF
TYP.
0.51
0.46
0.64
0.57
MAX.
-
-
0.68
0.60
V
IR
TYP.
2
2
7
MAX.
50
10
-
uA
mA
mA
Cj
pF
RθJA
RθJL
RθJC
OC/W
TJ
OC
TSTG
OC
Version:E10
Maximum Ratings and Electrical Characteristics
Maximum Reverse Current @ Rated VR
Ta=25 ℃
Ta=125 ℃
Ta=150 ℃
1
Typical Junction Capacitance ( Note 1)
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load
50
25
MAX.
-
-
0.55
0.50
TYP.
1
2
6
MAX.
50
10
-
Micro SMA
30
40
60
Note1: Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
Note2: Mount on Cu-Pad Size 6mm × 6mm x 1.6mm on P.C.B.
Operating Temperature Range
Storage Temperature Range
-55 to + 150
-55 to + 150
125
30
40
Mechanical Data
Maximum Repetitive Peak Reverse Voltage
Dimensions in inches and (millimeters)
Terminals: Matte tin plated leads, solderable
per J-STD-002B, and JESD22-B102D.
Case: Micro SMA
Molding Compound meet UL 94V-0 flammability
rating.
Maximum Instantaneous Forward Voltage
@ 0.5A / Ta=25℃
@ 0.5A / Ta=125℃
@ 1.0A / Ta=25℃
@ 1.0A / Ta=125℃
40
TYP.
0.45
0.35
0.52
0.46
SS13M/SS14M/SS16M
1.0Amp Surface Mount Schottky Barrier Rectifier
C
SS13M SS14M
AB
SS16M
Packaging: 8 mm tape per EIA Std RS-481
Solder dip 265℃ max. 10 s, per JESD 22-A111
Features
Meet MSL level 1, per J-STD-020D,
lead free maximum peak of 260℃
Compliant to RoHS directive 2002/95/EC
and in accordance to WEEE 2002/96/EC
Typical Application
For use in low voltage high frequency inverter,
freewheeling, DC to DC converter, and polarity
protection applications.
Polarity: Indicated by Cathode Band
Halogen-free according to IEC 61249-2-21
definition
Weight: 0.006 gram
Typical Thermal Resistance (Note 2)
Parameter
Maximum Average Forward Rectified Current (Fig.1)
Device Marking Code
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
0.059(1.50)
0.106(2.70)
0.091(2.30)
0.008(0.20)
0.091(2.30)
0.083(2.10)
0.004(0.10)
0.029(0.73)
0.025(0.63)
0.043(1.10)
0.030(0.75)
0.022(0.55)
0.037(0.95)
0.030(0.75)
0.034(0.85)
0.026(0.65)
0.045(1.15)
0.053(1.35)
0.034(0.85)
0.026(0.65)
0.053(1.35)
0.045(1.15)
0.030(0.75)
0.022(0.55)
0.079
(2.00)
0.020
(0.50)
0.032
(0.80)
0.043
(1.10)
0.039
(1.00)
0.059(1.50)
Suggested Mounting Pad Layout


Số phần tương tự - SS16M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
SS16M TSC-SS16M Datasheet
191Kb / 5P
   Surface Mount Schottky Barrier
More results

Mô tả tương tự - SS16M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
SK12B TSC-SK12B_11 Datasheet
207Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SSL12 TSC-SSL12_11 Datasheet
201Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SK12B TSC-SK12B_13 Datasheet
260Kb / 4P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SS12 TSC-SS12_11 Datasheet
138Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
logo
DIYI Electronic Technol...
DSS12U DYELEC-DSS12U Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
LL5817 TSC-LL5817_1 Datasheet
273Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
CSMASS1XAS CYSTEKEC-CSMASS1XAS Datasheet
145Kb / 3P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSB CYSTEKEC-SK1XSB Datasheet
199Kb / 5P
   1.0Amp. Surface Mount Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
SK12L SECOS-SK12L Datasheet
369Kb / 4P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
SM120B SECOS-SM120B Datasheet
155Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com