công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES-2210R-VSAE bảng dữ liệu(PDF) 1 Page - Advantech Co., Ltd.

tên linh kiện ES-2210R-VSAE
Giải thích chi tiết về linh kiện  10.4 Open Frame and Rugged Panel Mount Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADVANTECH [Advantech Co., Ltd.]
Trang chủ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-2210R-VSAE bảng dữ liệu(HTML) 1 Page - Advantech Co., Ltd.

  ES-2210R-VSAE Datasheet HTML 1Page - Advantech Co., Ltd. ES-2210R-VSAE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Display Solutions
Features
10.4" LCD supports 800 x 600 pixels and operating temperature (-0 ~ 50° C)
Resistive & Capacitive, SAW, IR touchscreen and 3 mm tempered glass
options
Versatile mounting brackets
Modular architecture for efficient integration
Special back cover designed for 3.5"/ 5.25" SBCs and ARK-1000/3000/4000
series box computer
Sunlight readable (optional)
Ultra-high brightness up to 1000 cd/m2 with LED backlight (optional)
Rugged aluminum front bezel design (ES-2210)
VGA or LVDS interface (S-Video: optional)
ES-2110/2210
10.4" Open Frame and
Rugged Panel Mount Monitor
NEW
Introduction
The Advantech ES-2110/2210 Embedded Open Frame and rugged panel mount monitor series offer flexible options for LCD, touchscreen, signal interface and chassis mounting.
The back cover has mounting holes for industry standard 3.5" or 5.25" SBCs; or Advantech DSA-2102, DSA-3400 digital signage player, DVS-355 mobile digital video platform,
and ARK-1000/ ARK-3000/ ARK-4000 series embedded box computers. The series supports panel and VESA mounting, and is supplied with four versatile mounting brackets for
different integration applications. The Advantech Display Solutions Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) enables easy selection of
model numbers by choosing the required options.
Specifications
Processor System
I/O Ports
15-pin D-sub, DC power input, RS-232 port, Power Switch and OSD keys (Auto-tune, menu, decrease, increase)
Display Input Signal
Analog RGB, 0.7 VP-P / 75 0hm, optional LVDS
Multi-Scan Mode
Multi-Scan Mode supports VGA, SVGA
OSD Control
Keys: Auto-tune, menu, decrease and increase
Functions: Brightness, Contrast, Clock, Phase, Horizontal Position, Vertical Position and Sharpness
Power
External 50 W power adapter, with AC 100 ~ 240 V input and DC +12 V @ 4.16 A output
Dimensions (W x H x D)
Please refer to the product dimension diagram on next page
Weight
ES-2110: 3.0 kg
ES-2210: 3.8 kg
Environment
Operating Temperature
( -20 ~ 70° C optional) (-4 ~ 158° F optional)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F) for standard LCDs
Humidity
5 ~ 95% @ 40° C, non-condensing
Shock
10 G peak acceleration (11 ms duration)
EMC Approved
CE FCC
Display
Feature
Standard / (OEM)
Sunlight Readable
Ultra-high Brightness
Size
10.4"
10.4"
10.4"
Resolution (pixels)
800 x 600 SVGA
800 x 600 SVGA
800 x 600 SVGA
Number of Colors
262 K
262 K
262 K
Viewing Angle (L/R/U/D)
60°/60°/35°/65°
60°/60°/35°/65°
70°/70°/60°/60°
Brightness (cd/m2)
230 / 400
600
1000
Contrast Ratio
500:1
500:1
700:1
Response Time (ms)
35
25
4
Lamp Life (hrs)
20,000 / 50,000
50,000
50,000
Long-term Support
Yes
Yes
Yes
Anti-reflection
N/A
Yes
Yes
Touchscreen
Type
Analog Resistive
Capacitive
SAW
Infrared
Thickness
2.67 mm
3.18 mm
3.0 mm
3.0 mm
Resolution
4096 x 4096
1024 x 1024
4096 x 4096
4096 x 4096
Light Transmission
80%
85%
92%
92%
Controller Interface
RS-232/USB
RS-232
RS-232/USB
RS-232/USB
Power Consumption
+5 V @ 200 mA
+5 V @ 100 mA
+5 V @ 75 mA
+5 V @ 150 mA
Durability (Touches)
35 million hrs
225 million hrs
50 million hrs
MTBF 100,000 hrs
Driver OS Support
DOS, Linux, Mac, Windows 95/98/NT/ME/CE/2000/XP
ES-2110
ES-2210
RoHS
COMPLIANT
2002/95/EC


Số phần tương tự - ES-2210R-VSAE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
ES-2212 ADVANTECH-ES-2212 Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
ES-2212C-VSA-SRE ADVANTECH-ES-2212C-VSA-SRE Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
ES-2212R-VSAE ADVANTECH-ES-2212R-VSAE Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
ES-2215 ADVANTECH-ES-2215 Datasheet
353Kb / 2P
   15 Open Frame and Rugged Panel Mount Monitor
ES-2215C-VXA-SRE ADVANTECH-ES-2215C-VXA-SRE Datasheet
353Kb / 2P
   15 Open Frame and Rugged Panel Mount Monitor
More results

Mô tả tương tự - ES-2210R-VSAE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
ES-2108 ADVANTECH-ES-2108 Datasheet
331Kb / 2P
   8.4 Open Frame and Rugged Panel Mount Monitor
ES-2119 ADVANTECH-ES-2119 Datasheet
318Kb / 2P
   19 Open Frame and Rugged Panel Mount Monitor
ES-2212 ADVANTECH-ES-2212 Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
ES-2217 ADVANTECH-ES-2217 Datasheet
83Kb / 2P
   17" Open Frame and Rugged Panel Mount Monitor
ES-2206 ADVANTECH-ES-2206 Datasheet
78Kb / 2P
   6.5" Open Frame and Rugged Panel Mount Monitor
ES-2106 ADVANTECH-ES-2106 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2115 ADVANTECH-ES-2115 Datasheet
353Kb / 2P
   15 Open Frame and Rugged Panel Mount Monitor
ES-2117 ADVANTECH-ES-2117 Datasheet
333Kb / 2P
   17 Open Frame and Rugged Panel Mount Monitor
IDS-3110 ADVANTECH-IDS-3110_17 Datasheet
443Kb / 3P
   10.4' Industrial Open Frame Monitor
IDS-3110 ADVANTECH-IDS-3110_V01 Datasheet
506Kb / 3P
   10.4 Industrial Open Frame Monitor
24-Jul-2020
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com