công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BZX55B8V2 bảng dữ liệu(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
BZX55B8V2 bảng dữ liệu(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
2 / 3 page BZX55B2V4-BZX55B75 500mW, 2% Tolerance SMD Zener Diode Small Signal Diode Electrical Characteristics Ta = 25°C unless otherwise noted VF Forward Voltage = 1.0V Maximum @ IF = 10 mA for all part numbers Nom Min Max BZX55B2V4 2.4 2.35 2.45 5.0 85 1.0 600 50 1.0 BZX55B2V7 2.7 2.65 2.75 5.0 85 1.0 600 10 1.0 BZX55B3V0 3.0 2.94 3.06 5.0 85 1.0 600 4.0 1.0 BZX55B3V3 3.3 3.23 3.37 5.0 85 1.0 600 2.0 1.0 BZX55B3V6 3.6 3.53 3.67 5.0 85 1.0 600 2.0 1.0 BZX55B3V9 3.9 3.82 3.98 5.0 85 1.0 600 2.0 1.0 BZX55B4V3 4.3 4.21 4.39 5.0 75 1.0 600 1.0 1.0 BZX55B4V7 4.7 4.61 4.79 5.0 60 1.0 600 0.5 1.0 BZX55B5V1 5.1 5.00 5.20 5.0 35 1.0 550 0.1 1.0 BZX55B5V6 5.6 5.49 5.71 5.0 25 1.0 450 0.1 1.0 BZX55B6V2 6.2 6.08 6.32 5.0 10 1.0 200 0.1 2.0 BZX55B6X8 6.8 6.66 6.94 5.0 8 1.0 150 0.1 3.0 BZX55B7V5 7.5 7.35 7.65 5.0 7 1.0 50 0.1 5.0 BZX55B8V2 8.2 8.04 8.36 5.0 7 1.0 50 0.1 6.2 BZX55B9V1 9.1 8.92 9.28 5.0 10 1.0 50 0.1 6.8 BZX55B10 10 9.80 10.20 5.0 15 1.0 70 0.1 7.5 BZX55B11 11 10.78 11.22 5.0 20 1.0 70 0.1 8.2 BZX55B12 12 11.76 12.24 5.0 20 1.0 90 0.1 9.1 BZX55B13 13 12.74 13.26 5.0 26 1.0 110 0.1 10 BZX55B15 15 14.70 15.30 5.0 30 1.0 110 0.1 11 BZX55B16 16 15.68 16.32 5.0 40 1.0 170 0.1 12 BZX55B18 18 17.64 18.36 5.0 50 1.0 170 0.1 14 BZX55B20 20 19.60 20.40 5.0 55 1.0 220 0.1 15 BZX55B22 22 21.56 22.44 5.0 55 1.0 220 0.1 17 BZX55B24 24 23.52 24.48 5.0 80 1.0 220 0.1 18 BZX55B27 27 26.46 27.54 5.0 80 1.0 220 0.1 20 BZX55B30 30 29.40 30.60 5.0 80 1.0 220 0.1 22 BZX55B33 33 32.34 33.66 5.0 80 1.0 220 0.1 24 BZX55B36 36 35.28 36.72 5.0 80 1.0 220 0.1 27 BZX55B39 39 38.22 39.78 2.5 90 0.5 500 0.1 28 BZX55B43 43 42.14 43.86 2.5 90 0.5 600 0.1 32 BZX55B47 47 46.06 47.94 2.5 110 0.5 700 0.1 35 BZX55B51 51 49.98 52.02 2.5 125 0.5 700 0.1 38 BZX55B56 56 54.88 57.12 2.5 135 0.5 1000 0.1 42 BZX55B62 62 60.76 63.24 2.5 150 0.5 1000 0.1 47 BZX55B68 68 66.64 69.36 2.5 160 0.5 1000 0.1 51 BZX55B75 75 73.50 76.50 2.5 170 0.5 1000 0.1 56 Notes: 1. The Zener Voltage (VZ) is tested under pulse condition of 10ms 2. The device numbers listed have a standard tolerance on the nominal zener voltage of±2%. ZZT @ IZT(Ω) Max 4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms valu equal to 10% of the DC zener current (IZT or IZK) is superimposed to IZT or IZK. ZZK @ IZK(Ω) Max VZ @ IZT (Volt) IR @ VR(μA) Max IZK(mA) IZT(mA) VR(V) 3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown an tighter voltage tolerances, contact your nearestTaiwan semiconductor representative. Part Number Version : B09 |
Số phần tương tự - BZX55B8V2 |
|
Mô tả tương tự - BZX55B8V2 |