công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4005 bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện 1N4005
Giải thích chi tiết về linh kiện  1.0 AMPS. Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4005 bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N4005 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4005 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4001-1N4007, BY133
1.0 AMPS. Silicon Rectifiers
High current capability.
High efficiency, Low VF.
High surge current capability.
Low prwer loss
High reliability grade (AEC Q101 qualified).
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
1N
4001
1N
4002
1N
4003
1N
4004
1N
4005
1N
4006
1N
4007
BY
133
Units
VRRM
50
100 200 400 600 800 1000 1300
V
VRMS
35
70
140 280 420 560 700 701
V
VDC
50
100 200 400 600 800 1000 1300
V
I(AV)
A
IFSM
A
VF
V
I
2t
A
2sec
IR
uA
HTIR
nS
Cj
pF
JA
JC
JL
OC/W
TJ
OC
TSTG
OC
2. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
Typical Junction Capacitance (Note 1)
Maximum Instantaneous Forward Voltage @ 1.0A
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
30
5.0
50.0
Rating for Fusing (t<8.3mS)
3.7
Weight: 0.35 gram
10
1.0
1.0
30
Typical Thermal Resistance (Note 2)
Operating Temperature Range
Storage Temperature Range
-65 to +150
-65 to +150
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length @TA=75
oC
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method )
Maximum Full load Reverse Current, Full
cycle Average .375"(9.5mm) Lead Length
@TA=75
oC
65
6
15
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
DO-41
High temperature soldering guaranteed: 260
oC/10 seconds
/.375”,(9.5mm) lead lengths at 5 lbs., (2.3kg) tension
Epoxy: UL 94V-O rate flame retardant
Lead: Pure tin plated, lead free, solderable per MIL-
STD-202, Method 208 guaranteed
Features
Mechanical Data
Cases: Molded plastic
Green compound with suffix "G" on packing
code and Prefix "G" on date code.
Polarity: Color band denotes cathode.
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
Version:D09


Số phần tương tự - 1N4005

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
1N4005 TSC-1N4005 Datasheet
236Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
First Silicon Co., Ltd
1N4005 FS-1N4005 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
Central Semiconductor C...
1N4005 CENTRAL-1N4005 Datasheet
72Kb / 2P
   AMP SILICON RECTIFIER
logo
Pan Jit International I...
1N4005 PANJIT-1N4005 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4005 EIC-1N4005 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
More results

Mô tả tương tự - 1N4005

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
1N4001 TSC-1N4001_11 Datasheet
144Kb / 2P
   1.0 AMPS. Silicon Rectifiers
GS1A TSC-GS1A Datasheet
509Kb / 2P
   1.0 AMPS. Surface Mount Silicon Rectifiers
logo
Yangzhou yangjie electr...
W005 YANGJIE-W005 Datasheet
244Kb / 2P
   SINGLE PHASE 1.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Tiger Electronic Co.,Lt...
DF005 TGS-DF005 Datasheet
87Kb / 2P
   Single Phase 1.0 AMPS. Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
S3A JGD-S3A Datasheet
169Kb / 2P
   1.0 AMPS SURFACE MOUNT RECTIFIERS
MUR105 JGD-MUR105 Datasheet
148Kb / 2P
   1.0 AMPS. ULTRA FAST RECTIFIERS
SFA11 JGD-SFA11 Datasheet
164Kb / 2P
   1.0 AMPS. SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SS12E TSC-SS12E Datasheet
523Kb / 3P
   1.0 AMPS. Surface Mount Schottky Rectifiers
US1A TSC-US1A Datasheet
54Kb / 2P
   1.0 Amps. Surface Mount Ultrafast Rectifiers
MUR160 TSC-MUR160 Datasheet
73Kb / 2P
   1.0 AMPS. Ultrafast Glass Passivated Rectifiers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com