công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM1114-3.6N3 bảng dữ liệu(PDF) 10 Page - Cystech Electonics Corp. |
|
LM1114-3.6N3 bảng dữ liệu(HTML) 10 Page - Cystech Electonics Corp. |
10 / 10 page CYStech Electronics Corp. Spec. No. : C505M3 Issued Date : 2003.03.21 Revised Date : 2009.02.25 Page No. : 10/10 LM1114M3/N3/A3 CYStek Product Specification SOT-89 Dimension *: Typical Inches Millimeters Inches Millimeters DIM Min. Max. Min. Max. DIM Min. Max. Min. Max. A 0.1732 0.1811 4.40 4.60 F 0.0583 0.0598 1.48 1.527 B 0.1594 0.1673 4.05 4.25 G 0.1165 0.1197 2.96 3.04 C 0.0591 0.0663 1.50 1.70 H 0.0551 0.0630 1.40 1.60 D 0.0945 0.1024 2.40 2.60 I 0.0138 0.0161 0.35 0.41 3-Lead SOT-89 Plastic Surface Mounted Package CYStek Package Code: M3 E F G C B A I D H 3 2 1 Marking: Style: Pin 1. Vss 2. Vin 3. Vout Date Code Voltage Rank : 2.5V →25 3.0V→30 3.3V→33 3.6V→36 5.0V→50 Device Code E 0.01417 0.0201 0.36 0.51 Notes: 1.Controlling dimension: millimeters. 2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office. Material: • Lead: 42 Alloy ; solder plating • Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0 Important Notice: • All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. • CYStek reserves the right to make changes to its products without notice. • CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. • CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. |
Số phần tương tự - LM1114-3.6N3 |
|
Mô tả tương tự - LM1114-3.6N3 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |