công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM432CA3 bảng dữ liệu(PDF) 8 Page - Cystech Electonics Corp.

tên linh kiện LM432CA3
Giải thích chi tiết về linh kiện  Adjustable shunt regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM432CA3 bảng dữ liệu(HTML) 8 Page - Cystech Electonics Corp.

  LM432CA3 Datasheet HTML 1Page - Cystech Electonics Corp. LM432CA3 Datasheet HTML 2Page - Cystech Electonics Corp. LM432CA3 Datasheet HTML 3Page - Cystech Electonics Corp. LM432CA3 Datasheet HTML 4Page - Cystech Electonics Corp. LM432CA3 Datasheet HTML 5Page - Cystech Electonics Corp. LM432CA3 Datasheet HTML 6Page - Cystech Electonics Corp. LM432CA3 Datasheet HTML 7Page - Cystech Electonics Corp. LM432CA3 Datasheet HTML 8Page - Cystech Electonics Corp. LM432CA3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C504N3
Issued Date : 2003.03.21
Revised Date : 2005.10.07
Page No. : 8/9
LM432XA3/N3
CYStek Product Specification
TO-92 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1704
0.1902
4.33
4.83
G
0.0142
0.0220
0.36
0.56
B
0.1704
0.1902
4.33
4.83
H
-
*
0.1000
-
*
2.54
C
0.5000
-
12.70
-
I
-
*
0.0500
-
*
1.27
D
0.0142
0.0220
0.36
0.56
α1
-
*
5
°
-
*
5
°
E
-
*
0.0500
-
*
1.27
α2
-
*
2
°
-
*
2
°
F
0.1323
0.1480
3.36
3.76
α3
-
*
2
°
-
*
2
°
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
C
PL431
3-Lead TO-92 Plastic Package
CYStek Package Code: A3
Marking:
3
1
A
D
B
C
I
α1
E
F
α2
α3
G
H
2
Style: Pin 1.Reference 2.Anode 3.Cathode
432


Số phần tương tự - LM432CA3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM432 NSC-LM432 Datasheet
61Kb / 3P
   Dual Op Amp with On-Chip Fixed 2.5V Reference
logo
Texas Instruments
LM432 TI1-LM432 Datasheet
683Kb / 9P
[Old version datasheet]   LM432 Dual Op Amp with On-Chip Fixed 2.5V Reference
logo
Connor-Winfield Corpora...
LM432-155.52M CONNOR-WINFIELD-LM432-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM432MA NSC-LM432MA Datasheet
61Kb / 3P
   Dual Op Amp with On-Chip Fixed 2.5V Reference
logo
Texas Instruments
LM432MA/NOPB TI1-LM432MA/NOPB Datasheet
683Kb / 9P
[Old version datasheet]   LM432 Dual Op Amp with On-Chip Fixed 2.5V Reference
More results

Mô tả tương tự - LM432CA3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com