công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM432DN3 bảng dữ liệu(PDF) 3 Page - Cystech Electonics Corp.

tên linh kiện LM432DN3
Giải thích chi tiết về linh kiện  Adjustable shunt regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM432DN3 bảng dữ liệu(HTML) 3 Page - Cystech Electonics Corp.

  LM432DN3 Datasheet HTML 1Page - Cystech Electonics Corp. LM432DN3 Datasheet HTML 2Page - Cystech Electonics Corp. LM432DN3 Datasheet HTML 3Page - Cystech Electonics Corp. LM432DN3 Datasheet HTML 4Page - Cystech Electonics Corp. LM432DN3 Datasheet HTML 5Page - Cystech Electonics Corp. LM432DN3 Datasheet HTML 6Page - Cystech Electonics Corp. LM432DN3 Datasheet HTML 7Page - Cystech Electonics Corp. LM432DN3 Datasheet HTML 8Page - Cystech Electonics Corp. LM432DN3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C504N3
Issued Date : 2003.03.21
Revised Date : 2005.10.07
Page No. : 3/9
LM432XA3/N3
CYStek Product Specification
Unless otherwise specified, TA=25℃. Values in bold apply over full operating ambient temperature range.
LM432B
LM432A
Parameter
Symbol
Condition
Min
Typ
Max
Min
Typ
Max
Unit
Reference Voltage
VREF VZ=VREF,IZ=10mA(Note 1)
1.228
1.215
1.240
1.252
1.265
1.215
1.200
1.240 1.265
1.280
V
VREF Temperature
Deviation
VDEV VZ=VREF,IZ=10mA(Note 1)
-
10
25
-
10
35
mV
Ratio of Change in
VREF to change in VZ
Δ
VREF
Δ
VZ
IZ=10mA, ΔVZ=16V to VREF
-
-1.0
-2.7
-
-1.0
-2.7
mV/V
Reference Input
Current
IREF
R1=10kΩ,R2=∞,
IZ=10mA(Note2)
-
0.15
0.5
-
0.15
0.5
μ
A
IREF Temperature
Deviation
IREF(DEV) R1=10kΩ,R2=∞,
IZ=10mA(Note 2)
-
0.1
0.4
-
0.1
0.4
μ
A
VREF=0V,VZ=6V(Note 3)
-
0.125
0.150
-
0.125 0.150
Off-state Cathode
Current
IZ(OFF)
VREF=0V,VZ=16V(Note 3)
-
0.135
0.150
-
0.135 0.150
μ
A
Dynamic Output
Impedance
rz
f<1kHz,VZ=VREF
IZ=100μA to 100mA(Note 1)
-
0.05
0.15
-
0.05
0.15
Ω
Minimum Operating
Current
IZ(MIN)
VZ=VREF(Note 1)
-
20
80
-
20
80
μ
A
Notes:
(1) See Test Circuit 1.
(2) See Test Circuit 2.
(3) See Test Circuit 3.
Recommended Operating Conditions
Symbol
Min
Max
Unit
Cathode Voltage
VZ
VREF
16
V
Cathode Current
IZ
0.08
100
mA
Test Circuits
VIN
IREF
IZ
VZ
Test Circuit 1
VZ=VREF
VIN
VZ
IZ
IREF
R1
R2
VREF
Test Circuit 2
VZ>VREF
VIN
VZ
IZ(off)
Test Circuit 3
Off-State


Số phần tương tự - LM432DN3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM432 NSC-LM432 Datasheet
61Kb / 3P
   Dual Op Amp with On-Chip Fixed 2.5V Reference
logo
Texas Instruments
LM432 TI1-LM432 Datasheet
683Kb / 9P
[Old version datasheet]   LM432 Dual Op Amp with On-Chip Fixed 2.5V Reference
logo
Connor-Winfield Corpora...
LM432-155.52M CONNOR-WINFIELD-LM432-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM432MA NSC-LM432MA Datasheet
61Kb / 3P
   Dual Op Amp with On-Chip Fixed 2.5V Reference
logo
Texas Instruments
LM432MA/NOPB TI1-LM432MA/NOPB Datasheet
683Kb / 9P
[Old version datasheet]   LM432 Dual Op Amp with On-Chip Fixed 2.5V Reference
More results

Mô tả tương tự - LM432DN3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com