công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4004 bảng dữ liệu(PDF) 3 Page - Cystech Electonics Corp.

tên linh kiện 1N4004
Giải thích chi tiết về linh kiện  1.0Amp. Glass Passivated Silicon Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

1N4004 bảng dữ liệu(HTML) 3 Page - Cystech Electonics Corp.

  1N4004 Datasheet HTML 1Page - Cystech Electonics Corp. 1N4004 Datasheet HTML 2Page - Cystech Electonics Corp. 1N4004 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C327LB
Issued Date : 2003.04.17
Revised Date :
Page No. : 3/3
1N400XLB
CYStek Product Specification
DO-41 Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.0280
0.0340
0.71
0.86
D
1.0000
-
25.40
-
B
1.0000
-
25.40
-
E
0.0800
0.1070
2.00
2.70
C
0.1600
0.2050
4.10
5.20
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
E
B
C
A
D
DO-41 Molded Plastic Package
CYStek Package Code : LB
Marking: On the cylindrical surface


Số phần tương tự - 1N4004

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
1N4004 PANJIT-1N4004 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4004 EIC-1N4004 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
logo
Taiwan Semiconductor Co...
1N4004 TSC-1N4004 Datasheet
236Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Central Semiconductor C...
1N4004 CENTRAL-1N4004 Datasheet
72Kb / 2P
   AMP SILICON RECTIFIER
logo
Guangdong Juxing Electr...
1N4004 JUXING-1N4004 Datasheet
1Mb / 2P
   SILICON RECTIFIER
More results

Mô tả tương tự - 1N4004

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Chongqing Pingwei Enter...
1A1G CHONGQING-1A1G_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
1N4001SG CHONGQING-1N4001SG_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
LL4933G TSC-LL4933G_1 Datasheet
260Kb / 2P
   1.0AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
Chongqing Pingwei Enter...
1F1G CHONGQING-1F1G_16 Datasheet
178Kb / 1P
   1.0AMP. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SFT11G TSC-SFT11G_12 Datasheet
190Kb / 2P
   1.0AMP. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
HER101G LUGUANG-HER101G Datasheet
189Kb / 2P
   1.0AMP. Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
SFT11G TSC-SFT11G_13 Datasheet
429Kb / 4P
   1.0AMP. Glass Passivated Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
HER101G CHONGQING-HER101G_16 Datasheet
193Kb / 1P
   1.0AMP. GLASS PASSIVATED HIGH EFFICIENT RECTIFIERS
S1AF CHONGQING-S1AF_16 Datasheet
177Kb / 1P
   1.0AMP. GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
logo
Jinan Gude Electronic D...
FR101G JGD-FR101G Datasheet
143Kb / 2P
   1.0Amp Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com