công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK433-330-E bảng dữ liệu(PDF) 11 Page - Sanyo Semicon Device

tên linh kiện STK433-330-E
Giải thích chi tiết về linh kiện  Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-330-E bảng dữ liệu(HTML) 11 Page - Sanyo Semicon Device

Back Button STK433-330-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-330-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-330-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-330-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-330-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-330-E Datasheet HTML 10Page - Sanyo Semicon Device STK433-330-E Datasheet HTML 11Page - Sanyo Semicon Device STK433-330-E Datasheet HTML 12Page - Sanyo Semicon Device STK433-330-E Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STK433-290-E
No. A1630-11/13
STK433-300-E series Stand-by control, Mute control, Load-short protection & DC
offset protection application
STK433-300-E Application Explanation
The protection circuit application for the STK433-300-Esr consists of the following blocks (blocks (1) to (4)).
(1) Standby control circuit block
(2) Load short-circuit detection block
(3) Latch-up circuit block
(4) DC voltage protection block
2
3
4
5
6
7
8
9
10
11
12
13
14
1
15
Ch1 OUT
GND
+VCC
-VCC
STK433-300-E series
ST-BY
56k
Ω
GND
Ch2 IN
GND
Ch1 IN
+VCC
Ch1
IN
Ch1
NF
Ch2
IN
Ch2
NF
Ch2
OUT(-)
Ch1
OUT(+)
-VCC
SUB
GND
+PRE
ST-BY
Ch1
OUT(-)
Ch2
OUT(+)
-PRE
6.8k
Ω
(*1)
(ex)
2.7k
Ω
Load short
protection
circuit
22k
Ω
56k
Ω
1k
Ω
0.1
μF
10k
Ω
100k
Ω
1k
Ω
33k
Ω
2k
Ω
33
μF
/10V
10k
Ω
10k
Ω
10k
Ω
2.2k
Ω
GND
PLAY
MUTE
ST-BY
MUTE
+5V
+5V
Stand-by
Control
Mute
Control
Mute Control
H: Single Mute
L: Normal
Stand-by Control (ex)
H: Operation Mode (+5V)
L: Stand-by Mode (0V)
DC offset protection
(*1) The voltage applied to the Stand-by pin (#13)
must not exceed the maximum rated value (VST max).
Latch up
circuit
16
17
18
19
Ch3
IN
Ch3
NF
Ch3
OUT
Ch3
OUT
56k
Ω
6.8k
Ω
Ch3 IN
10k
Ω
GND
Ch2 OUT
Ch3 OUT
82k
Ω
82k
Ω
82k
Ω
22
μF
22
μF
100k
Ω
(*4)
R2
56k
Ω
6.8k
Ω
STK433-300-E series
+VCC
Ch1
IN
Ch1
NF
Ch2
IN
Ch2
NF
Ch2
OUT(-)
Ch1
OUT(+)
-VCC
SUB
GND
+PRE
ST-BY
Ch1
OUT(-)
Ch2
OUT(+)
-PRE
Ch3
IN
Ch3
NF
Ch3
OUT(+)
Ch3
OUT(-)
2
3
4
5
6
7
8
9
10
11
12
13
14
1
15
16
17
18
19
Ch1 OUT
56k
Ω 6.8kΩ
Tr1
Ch2 OUT
Ch3 OUT
82k
Ω
82k
Ω
82k
Ω
22
μF
22
μF
100k
Ω
56k
Ω 6.8kΩ
-VCC
56k
Ω
22k
Ω
100k
Ω
10k
Ω
0.1
μF
1k
Ω
56k
Ω 6.8kΩ
(*1)R1
(ex)
2.7k
Ω
1k
Ω
33k
Ω
2k
Ω
33
μF
(*4)
R2
Tr2
Tr4
Tr5
Tr6
Point.B
Point.C
Point.B
Point.C
Tr1
I2
(3) Latch-up
circuit part
I3
IST
Stand-By Circuit
in PreDriver IC
Stand-By Control
Voltage VST
(4) DC offset
protection
Operate mode (VSTOFF)
≥ 2.5V
Stand-by mode (VSTON)
≤ 0.6V (0V typ)
(2) Load short
detection part
SW transistor
ΔVBE
4.7k
Ω
1) Stand-by control circuit part
H: Operation mode (+5V)
L: Stand-by mode (0V)


Số phần tương tự - STK433-330-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK433-330N-E SANYO-STK433-330N-E Datasheet
279Kb / 11P
   3channel class-AB Audio Power IC 150W150W150W
logo
ON Semiconductor
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
More results

Mô tả tương tự - STK433-330-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
STK433-130-E SANYO-STK433-130-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W150W
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
STK433-070-E SANYO-STK433-070-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com